Electronic Components Datasheet Search
  English  ▼

X  

PCA9509P Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9509P
Description  Low power level translating I2C-bus/SMBus repeater
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9509P Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9509P Datasheet HTML 3Page - NXP Semiconductors PCA9509P Datasheet HTML 4Page - NXP Semiconductors PCA9509P Datasheet HTML 5Page - NXP Semiconductors PCA9509P Datasheet HTML 6Page - NXP Semiconductors PCA9509P Datasheet HTML 7Page - NXP Semiconductors PCA9509P Datasheet HTML 8Page - NXP Semiconductors PCA9509P Datasheet HTML 9Page - NXP Semiconductors PCA9509P Datasheet HTML 10Page - NXP Semiconductors PCA9509P Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
PCA9509P
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 14 August 2012
7 of 23
NXP Semiconductors
PCA9509P
Low power level translating I2C-bus/SMBus repeater
is high the current should be set near the maximum current drive for the weakest part.
However, if the bus capacitance is low a lower current/higher resistor value should be
used to keep the rise time from getting so fast that it causes problems. The A side pull-up
resistor must be selected so as to keep the LOW-level voltage at the A side input below
0.1VCC(A).
6.4.1 Port A pull-up resistor sizing
When selecting the pull-up resistor for the A side of the PCA9509P there are several
considerations and limitations from both the PCA9509P and the other part(s) on the
A-side bus that need to be taken into account.
6.4.1.1
Minimum resistor size
The first limitation is that in order for the PCA9509P to recognize a LOW on the A side, the
voltage level must be below 0.1VCC(A) including ground offset. This and the drive strength
of the parts driving the less than 0.1VCC(A) level define the minimum resistor value that
can be used based on the other parts on the A-side bus. There is also a limit of 4 mA
maximum current that can be applied to the PCA9509P A side when it is LOW. For
example, if the part driving the PCA9509P A side is rated at 3 mA at 0.4 V (and it is a
MOS part) and assuming that VCC(A) = 0.8 V, then the part has an effective output
resistance of 0.4 V / 3 mA = 133
, so the maximum current is 0.08 V / 133  =~600 A,
so the maximum pull-up current would be 600
A. And for V
CC(A) = 0.8 V the minimum
resistance would be 0.72 V / 600
A=1.2k. If the part providing the 0.1V
CC(A) has a
very low output resistance, then the current is limited to 4 mA by the PCA9509P, and for
VCC(A) = 0.8 V the minimum pull-up resistance would be 0.64 V / 4 mA = 160 . Since the
ground offset will never be zero, the minimum resistor value will need to be increased
accordingly.
6.4.1.2
Maximum resistance sizing
The pull-up resistor on the A side of the PCA9509P should be chosen to provide at least
100
A of pull-up current. So for V
CC(A) = 0.8 V the maximum resistor value looks like
0.64 V / 100
A=6.4k.
6.4.1.3
Rise time constraints
In addition to the current minimum and maximum considerations, the RC time constant of
the A-side bus must be considered. It is recommended that the RC time constant be
chosen so that it is greater than 60 ns in order to control the size of the bounce that results
when a driver on the A side turns off that was driving a <0.1VCC(A) level and before the
offset output driver in the PCA9509P can turn on and hold the voltage to ~0.2VCC(A). The
maximum RC time constant is limited by the I2C-bus family specification for maximum
rise time between 0.3VCC(A) and 0.7VCC(A) (400 ns for Fast mode and 1000 ns for
Standard mode operation). Although the maximum current and maximum rise time limits
predict an allowable capacitance well above the 400 pF I2C-bus family specification, this
is not likely to be possible in a typical I2C-bus system since there is so little voltage margin
for the VIL of the PCA9509P ground offset is more likely to limit the effective capacitance
than current drive capability because high-capacitance buses tend to be physically large
and large size tends to result in larger ground offset voltages, which must be severely
limited to be successful at a bus voltage of 1 V and below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com