Electronic Components Datasheet Search
  English  ▼

X  

AD760 Datasheet(PDF) 7 Page - Analog Devices

Part # AD760
Description  16/18-Bit Self-Calibrating Serial/Byte DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD760 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD760 Datasheet HTML 3Page - Analog Devices AD760 Datasheet HTML 4Page - Analog Devices AD760 Datasheet HTML 5Page - Analog Devices AD760 Datasheet HTML 6Page - Analog Devices AD760 Datasheet HTML 7Page - Analog Devices AD760 Datasheet HTML 8Page - Analog Devices AD760 Datasheet HTML 9Page - Analog Devices AD760 Datasheet HTML 10Page - Analog Devices AD760 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD760
REV. A
–7–
CALIBRATED LINEARITY PERFORMANCE
The cumulative probability plots for the AD760 INL and DNL
shown in Figures 3 and 4 represent the maximum absolute-
value (peak) linearity error for each part. Roughly 100 parts
from each of 3 wafer lots were used.
The calibrated DNL and INL performance for the sample
populations shown also represent the expected performance for
a single part calibrated often. There is essentially no difference
between the expected performance of many parts calibrated
once and one part calibrated often. The AD760 calibrated per-
formance is guaranteed at any temperature within the operating
temperature range. The peak nonlinearity for the sample popu-
lations shown are also representative of the expected maximum
linearity errors of a single part recalibrated at temperature.
40
30
20
10
0
40
20
0
60
80
100
0
0.125
0.25
0.375
0.5
0.625
0.75
16-BIT LSB
Figure 3. AD760 Peak INL
40
30
20
10
0
40
20
0
60
80
100
0
0.125
0.25
0.375
0.5
16-BIT LSB
50
Figure 4. AD760 Peak DNL
ANALOG CIRCUIT CONNECTIONS
Internal scaling resistors provided in the AD760 may be con-
nected to produce a unipolar output range of 0 V to +10 V or a
bipolar output range of –10 V to +10 V. Gain and offset drift
are minimized in the AD760 because of the thermal tracking of
the scaling resistors with other device components.
UNIPOLAR CONFIGURATION
The configuration shown in Figure 5a will provide a unipolar
0 V to +10 V output range. In this mode a 50 resistor is tied
between REF OUT (Pin 26) and REF IN (Pin 25). It is pos-
sible to use the AD760 without any external components by
tying Pin 26 directly to Pin 25. Eliminating this resistor will
increase the gain error by 0.50% of FSR.
SPAN/BIP OFF
VOUT
23
24
+10V REF
25
MAIN DAC
REFOUT
26
REFIN
50
Ω
10k
Ω
10k
Ω
9.95k
Ω
AD760
Figure 5a. 0 V to +10 V Unipolar Voltage Output
If it is desired to adjust the gain error to zero, this can be ac-
complished using the circuit shown in Figure 5b. The adjust-
ment procedure is as follows:
STEP 1 . . . OFFSET ADJUST
Initiate calibration sequence. CALOK (Pin 1) must remain high
throughout Gain Adjust.
STEP 2 . . . GAIN ADJUST
Turn all bits ON and adjust gain trimmer, R1, until the output
is 9.999847 volts. (Full scale is adjusted to 1 LSB less than the
nominal full scale of 10.000000 volts.)
SPAN/BIP OFF
VOUT
23
24
+10V REF
25
MAIN DAC
REFOUT
26
REFI N
R1
100
Ω
10k
Ω
10k
Ω
9.95k
Ω
AD760
Figure 5b. 0 V to +10 V Unipolar Voltage Output with
Gain Adjust
BIPOLAR CONFIGURATION
The circuit shown in Figure 6a will provide a bipolar output
voltage from –10.000000 V to +9.999694 V with positive full
scale occurring with all bits ON. As in the unipolar mode, resis-
tor R1 may be eliminated altogether to provide AD760 bipolar
operation without any external components. Eliminating this
resistor will increase the gain error by 0.50% of FSR in the
bipolar mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com