Electronic Components Datasheet Search
  English  ▼

X  

AD766 Datasheet(PDF) 6 Page - Analog Devices

Part # AD766
Description  16-Bit DSP DACPORT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD766 Datasheet(HTML) 6 Page - Analog Devices

  AD766 Datasheet HTML 1Page - Analog Devices AD766 Datasheet HTML 2Page - Analog Devices AD766 Datasheet HTML 3Page - Analog Devices AD766 Datasheet HTML 4Page - Analog Devices AD766 Datasheet HTML 5Page - Analog Devices AD766 Datasheet HTML 6Page - Analog Devices AD766 Datasheet HTML 7Page - Analog Devices AD766 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD766
REV. A
–6–
system where only a single positive and a single negative supply
are available. In this case, the positive logic and positive analog
supplies may both be connected to the single positive supply.
The negative logic and negative analog supplies may both be
connected to the single negative supply. Performance would
benefit from a measure of isolation between the supplies intro-
duced by using simple low-pass filters in the individual power
supply leads.
Figure 6. Alternate Recommended Schematic
Figure 7. Power Dissipation vs. Clock Frequency
As with most linear circuits, changes in the power supplies will
affect the output of the DAC. Analog Devices recommends that
well regulated power supplies with less than 1% ripple be incor-
porated into the design of any system using these device.
MEASUREMENT OF TOTAL HARMONIC DISTORTION
The THD specification of a DSP DAC represents the amount
of undesirable signal produced during reconstruction of a digital
waveform. To account for the variety of operating conditions
Figure 8. Distortion Test Circuit
in signal processing applications, the DAC is tested at two
output frequencies and at three signal levels over the full oper-
ating temperature ranges.
A block diagram of the test setup is shown in Figure 8. In this
test setup, a digital data stream, representing a 0 dB, –20 dB or
–60 dB sine wave is sent to the device under test. The frequen-
cies used are 1037 Hz and 49.07 kHz. Input data is latched into
the AD766 at 500 kSPS. The AD766 under test produces an
analog output signal using the on-board op amp for 1 kHz and
an external op amp for 50 kHz.
The automatic test equipment digitizes the output test wave-
form, and then an FFT to 250 kHz is performed on the results
of the test. Based on the first 9 harmonics of the fundamental
1037 Hz and the first 3 harmonics of the 49.07 kHz output
waves, the total harmonic distortion of the device is calculated.
Neither a deglitcher nor an MSB trim is used during the THD
test.
The circuit design, layout and manufacturing techniques em-
ployed in the production of the AD766 result in excellent THD
performance. Figure 9 shows the typical unadjusted THD per-
formance of the AD766 for various amplitudes of 1 kHz and
50 kHz sine waves. As can be seen, the AD766 offers excellent
performance even at amplitudes as low as 60 dB. Figure 10
illustrates the typical THD versus frequency performance from
the internal amplifier for a filtered AD766 output. At frequen-
cies greater than approximately 30 kHz, depending on the low-
pass filter used, an improvement in THD of 3–4 dB over the
performance shown in the figure can be achieved. Figure 11
illustrates the consistent THD performance of the AD766
over temperature.
Figure 9. Typical Unadjusted THD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com