Electronic Components Datasheet Search
  English  ▼

X  

AD766 Datasheet(PDF) 1 Page - Analog Devices

Part # AD766
Description  16-Bit DSP DACPORT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD766 Datasheet(HTML) 1 Page - Analog Devices

  AD766 Datasheet HTML 1Page - Analog Devices AD766 Datasheet HTML 2Page - Analog Devices AD766 Datasheet HTML 3Page - Analog Devices AD766 Datasheet HTML 4Page - Analog Devices AD766 Datasheet HTML 5Page - Analog Devices AD766 Datasheet HTML 6Page - Analog Devices AD766 Datasheet HTML 7Page - Analog Devices AD766 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
16-Bit
DSP DACPORT
AD766
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Zero-Chip Interface to Digital Signal Processors
Complete DACPORT®
On-Chip Voltage Reference
Voltage and Current Outputs
Serial, Twos-Complement Input
3 V Output
Sample Rates to 390 kSPS
94 dB Minimum Signal-to-Noise Ratio
–81 dB Maximum Total Harmonic Distortion
15-Bit Monotonicity
5 V to
12 V Operation
16-Pin Plastic and Ceramic Packages
Available in Commercial, Industrial, and Military
Temperature Ranges
APPLICATIONS
Digital Signal Processing
Noise Cancellation
Radar Jamming
Automatic Test Equipment
Precision Industrial Equipment
Waveform Generation
PRODUCT DESCRIPTION
The AD766 16-bit DSP DACPORT provides a direct, three-
wire interface to the serial ports of popular DSP processors, in-
cluding the ADSP-2101, TMS320CXX, and DSP56001. No
additional “glue logic” is required. The AD766 is also com-
plete, offering on-chip serial-to-parallel input format conver-
sion, a 16-bit current-steering DAC, voltage reference, and a
voltage output op amp. The AD766 is fabricated in Analog
Devices’ BiMOS II mixed-signal process which provides bipolar
transistors, MOS transistors, and thin-film resistors for preci-
sion analog circuits in addition to CMOS devices for logic.
The design and layout of the AD766 have been optimized for ac
performance and are responsible for its guaranteed and tested
94 dB signal-to-noise ratio to 20 kHz and 79 dB SNR to
250 kHz. Laser-trimming the AD766’s silicon chromium thin-
film resistors reduces total harmonic distortion below –81 dB
(at 1 kHz), a specification also production tested. An optional
linearity trim pin allows elimination of midscale differential
linearity error for even lower THD with small signals.
The AD766’s output amplifier provides a
±3 V signal with a
high slew rate, small glitch, and fast settling. The output ampli-
fier is short circuit protected and can withstand indefinite shorts
to ground.
DACPORT is a registered trademark of Analog Devices, Inc.
The serial interface consists of bit clock, data, and latch enable
inputs. The twos-complement data word is clocked MSB first
on falling clock edges into the serial-to-parallel converter, con-
sistent with the serial protocols of popular DSP processors. The
input clock can support data transfers up to 12.5 MHz. The
falling edge of latch enable updates the internal DAC input reg-
ister at the sample rate with the sixteen bits most recently
clocked into the serial input register.
The AD766 operates over a
±5 V to ±12 V power supply range.
The digital supplies, +VL and –VL, can be separated from the
analog signal supplies, +VS and –VS, for reduced digital
crosstalk. Separate analog and digital ground pins are also pro-
vided. An internal bandgap reference provides a precision volt-
age source to the output amp that is stable over temperature and
time.
Power dissipation is typically 120 mW with
±5 V supplies and
300 mW with
±12 V. The AD766 is available in commercial
(0
°C to +70°C), industrial (–40°C to +85°C), and military
(–55
°C to +125°C) grades. Commercial and industrial grade
parts are available in a 16-pin plastic DIP; military parts pro-
cessed to MIL-STD-883B are packaged in a 16-pin ceramic
DIP. See Analog Devices’ Military Products Databook or current
military data sheet for specifications for the military version.
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - AD766

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7660 AD-AD7660 Datasheet
218Kb / 20P
16-Bit, 100 kSPS CMOS ADC
REV.0
AD7660 AD-AD7660 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7660 AD-AD7660 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7660 AD-AD7660 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7660 AD-AD7660 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
More results

Similar Description - AD766

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD660 AD-AD660 Datasheet
426Kb / 12P
Monolithic 16-Bit Serial/Byte DACPORT
AD669 AD-AD669 Datasheet
460Kb / 12P
Monolithic 16-Bit DACPORT
AD669ARZ AD-AD669ARZ Datasheet
426Kb / 12P
Monolithic 16-Bit DACPORT
REV. A
AD660 AD-AD660_08 Datasheet
337Kb / 20P
Monolithic 16-Bit Serial/Byte DACPORT
REV. B
AD669ANZ AD-AD669ANZ Datasheet
324Kb / 12P
Monolithic 16-Bit DACPORT
REV. A
AD669SQ AD-AD669SQ Datasheet
324Kb / 12P
Monolithic 16-Bit DACPORT
REV. A
AD669BRZ AD-AD669BRZ Datasheet
324Kb / 12P
Monolithic 16-Bit DACPORT
REV. A
AD669 AD-AD669_15 Datasheet
426Kb / 12P
Monolithic 16-Bit DACPORT
REV. A
AD766 AD-AD766_15 Datasheet
313Kb / 8P
16-Bit DSP DACPORT
REV. A
AD660 AD-AD660_17 Datasheet
351Kb / 21P
Monolithic 16-Bit Serial/Byte DACPORT
6/08-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com