Electronic Components Datasheet Search
  English  ▼

X  

AD7650 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7650
Description  16-Bit 1 MSPS SAR Unipolar ADC with Ref
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7650 Datasheet HTML 11Page - Analog Devices AD7650 Datasheet HTML 12Page - Analog Devices AD7650 Datasheet HTML 13Page - Analog Devices AD7650 Datasheet HTML 14Page - Analog Devices AD7650 Datasheet HTML 15Page - Analog Devices AD7650 Datasheet HTML 16Page - Analog Devices AD7650 Datasheet HTML 17Page - Analog Devices AD7650 Datasheet HTML 18Page - Analog Devices AD7650 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
REV. PrA
PRELIMINARY TECHNICAL DATA
AD7667
–15–
The AD829 is another alternative where high-frequency
(above 100 kHz) performance is not required. In gain of
1, it requires an 82 pF compensation capacitor.
The AD8610 is another option where low bias current is
needed in low-frequency applications.
Voltage Reference Input
The AD7667 allows the choice of either
an internal 2.5 V
voltage reference or an external 2.5 V reference.
To use the internal reference along with the internal buffer,
PDREF and PDBUF should both be LOW. This will pro-
duce a voltage on REFBUFIN of 1.25 V and the buffer’s
gain will be 2, resulting in a 2.5 V reference on REF pin.
To use an external reference along with the internal
buffer, PDREF should be HIGH and PDBUF should be
LOW. This powers down the internal reference and allows
for the 2.5 V reference to be applied to REFBUFIN. In
this mode the buffer’s gain is 1.
To use both external reference, PDREF and PDBUF
should both be HIGH. The reference input should be
applied to REF.
It is useful to decouple the REFBUFIN pin with a 100 nF
ceramic capacitor. The output impedance of the REFBUFIN
pin is 4 k . Thus, the 100 nF capacitor provides an RC filter
for noise reduction.
It should be noted that the internal reference and internal
buffer are independent of the power down (PD) pin of the
part. Powering down the part does not power down the inter-
nal reference or the internal buffer. Furthermore, powering
down the internal reference and internal buffer, as well as
powering them up, requires time. This is due to the fact that
we have charging and discharging capacitors on the REF
which require some settling time. Therefore, for applications
requiring low power, there will always be a typical of 10 mW
of power dissipated when using the internal reference and
internal buffer even during times with no conversions.
The internal reference is temperature compensated to
2.5V ± TBD mV. The reference is trimmed to provide
a typical drift of TBD ppm/ C. This typical drift char-
acteristic is shown in Figure TBD. For improved drift
performance, an external reference such as the AD780
can be used.
-160
-140
-120
-100
-80
-60
-40
-20
0
1
TO BE
SUPPLIED
Figure TBD
For the external reference, the voltage reference input REF
of the AD7667 has a dynamic input impedance; it should
therefore be driven by a low-impedance source with an
efficient decoupling between REF and REFGND inputs.
This decoupling depends on the choice of the voltage refer-
ence but usually consists of a 1 µF ceramic capacitor and a
low ESR tantalum capacitor connected to the REF and
REFGND inputs with minimum parasitic inductance. 47
µF is an appropriate value for the tantalum capacitor when
using either the internal reference of one of the recom-
mended reference voltages:
− The low noise, low temperature drift ADR421 and
AD780 voltage references
− The low power ADR291 voltage reference
− The low cost AD1582 voltage reference
For applications using multiple AD7667s, it is more effective
to buffer the reference voltage using the internal buffer. To
do so, PDREF should be HIGH, and PDBUF should be low.
Care should also be taken with the reference temperature
coefficient of the voltage reference which directly affects the
full-scale accuracy if this parameter matters. For instance, a
±15 ppm/°C tempco of the reference changes the full scale by
±1 LSB/°C.
VREF , as mentioned in the specification table, could be increased
to AVDD – 1.85 V. The benefit here is the increased SNR
obtained as a result of this increase. Since the input range is
defined in terms of VREF, this would essentially increase the
range to make it a 0 to 3 V input range with an AVDD above
4.85 V. One of the benefits here is the additional SNR ob-
tained as a result of this increase. The theoretical
improvement as a result of this increase in reference is 1.58
dB (20 log [3/2.5]). Due to the theoretical quantization
noise, however, the observed improvement is approximately
1 dB. The AD780 can be selected with a 3 V reference
voltage.
The TEMP pin, which measures the temperature of the
AD7667, can be used as follows. Refer to figure TBD to
see the connectivity. The output of the TEMP pin is ap-
plied to one of the inputs of the analog switch (ADG779).
The other input, as shown is the analog signal. The output
of the switch is connected to the AD8021 which is config-
ured as a follower. The output of the op-amp is applied to
the IN pin. Refer to the Specification Table for the appro-
priate values related to the TEMP pin. This configuration
could be very useful to improve the calibration accuracy
over the temperature range.
CC
AD8021
IN
AD7667
ANALOG INPUT
(UNIPOLAR)
IN
temperature
sensor
ADG779
TEMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com