Electronic Components Datasheet Search
  English  ▼

X  

AD7650 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7650
Description  16-Bit 1 MSPS SAR Unipolar ADC with Ref
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7650 Datasheet HTML 13Page - Analog Devices AD7650 Datasheet HTML 14Page - Analog Devices AD7650 Datasheet HTML 15Page - Analog Devices AD7650 Datasheet HTML 16Page - Analog Devices AD7650 Datasheet HTML 17Page - Analog Devices AD7650 Datasheet HTML 18Page - Analog Devices AD7650 Datasheet HTML 19Page - Analog Devices AD7650 Datasheet HTML 20Page - Analog Devices AD7650 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
REV. PrA
PRELIMINARY TECHNICAL DATA
AD7667
–17–
parallel interface. The serial interface is multiplexed on
the parallel data bus. The AD7667 digital interface also
accommodates both 3 V or 5 V logic by simply connecting
the OVDD supply pin of the AD7667 to the host system
interface digital supply. Finally, by using the OB/
2C in-
put pin, both two’s complement or straight binary coding
can be used.
The two signals
CS and RD control the interface. CS and RD
have a similar effect because they are OR’d together inter-
nally. When at least one of these signals is high, the interface
outputs are in high impedance. Usually,
CS allows the selec-
tion of each AD7667 in multicircuits applications and is held
low in a single AD7667 design.
RD is generally used to
enable the conversion result on the data bus.
t3
BUSY
CS, RD
CNVST
SYNC
SCLK
SDOUT
t28
t29
t14
t18
t19
t20
t21
t24
t26
t27
t23
t22
t16
t15
1
2
3
14
15
16
D15
D14
D2
D1
D0
X
EXT/INT = 0
RDC/SDIN = 0
INVSCLK = INVSYNC = 0
t25
t30
Figure 16. Master Serial Data Timing for Reading (Read After Convert)
EXT/INT = 0
RDC/SDIN = 1
INVSCLK = INVSYNC = 0
t3
t1
t17
t14
t19
t20
t21
t24
t26
t25
t27
t23
t22
t16
t15
D15
D14
D2
D1
D0
X
12
3
14
15
16
t18
BUSY
CS, RD
CNVST
SYNC
SCLK
SDOUT
Figure 17. Master Serial Data Timing for Reading (Read Previous Conversion During Convert)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com