Electronic Components Datasheet Search
  English  ▼

X  

AD7705BN Datasheet(PDF) 27 Page - Analog Devices

Part # AD7705BN
Description  3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705BN Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7705BN Datasheet HTML 23Page - Analog Devices AD7705BN Datasheet HTML 24Page - Analog Devices AD7705BN Datasheet HTML 25Page - Analog Devices AD7705BN Datasheet HTML 26Page - Analog Devices AD7705BN Datasheet HTML 27Page - Analog Devices AD7705BN Datasheet HTML 28Page - Analog Devices AD7705BN Datasheet HTML 29Page - Analog Devices AD7705BN Datasheet HTML 30Page - Analog Devices AD7705BN Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
AD7705/AD7706
–27–
REV. A
interface lines to three, is to monitor the
DRDY output line
from the AD7705/AD7706. The monitoring of the
DRDY line
can be done in two ways. First,
DRDY can be connected to one
of the 8XC51’s port bits (such as P1.0) which is configured as
an input. This port bit is then polled to determine the status of
DRDY. The second scheme is to use an interrupt-driven system,
in which case the
DRDY output is connected to the INT1 input
of the 8XC51. For interfaces that require control of the
CS
input on the AD7705/AD7706, one of the port bits of the
8XC51 (such as P1.1), which is configured as an output, can be
used to drive the
CS input. The 8XC51 is configured in its
Mode 0 serial interface mode. Its serial interface contains a
single data line. As a result, the DATA OUT and DATA IN
pins of the AD7705/AD7706 should be connected together with
a 10 k
Ω pull-up resistor. The serial clock on the 8XC51 idles
high between data transfers. The 8XC51 outputs the LSB first
in a write operation, while the AD7705/AD7706 expects the
MSB first so the data to be transmitted has to be rearranged
before being written to the output serial register. Similarly,
the AD7705/AD7706 outputs the MSB first during a read op-
eration while the 8XC51 expects the LSB first. Therefore, the
data read into the serial buffer needs to be rearranged before the
correct data word from the AD7705/AD7706 is available in the
accumulator.
RFS
DT
ADSP-2103/
ADSP-2105
RESET
SCLK
DATA OUT
DATA IN
CS
AD7705/AD7706
VDD
TFS
DR
SCLK
Figure 21. AD7705/AD7706 to ADSP-2103/ADSP-2105
Interface
AD7705/AD7706 to ADSP-2103/ADSP-2105 Interface
Figure 21 shows an interface between the AD7705/AD7706 and
the ADSP-2103/ADSP-2105 DSP processor. In the interface
shown, the
DRDY bit of the Communications Register is again
monitored to determine when the Data Register is updated. The
alternative scheme is to use an interrupt-driven system, in which
case the
DRDY output is connected to the IRQ2 input of the
ADSP-2103/ADSP-2105. The serial interface of the ADSP-
2103/ADSP-2105 is set up for alternate framing mode. The
RFS and TFS pins of the ADSP-2103/ADSP-2105 are config-
ured as active low outputs and the ADSP-2103/ADSP-2105
serial clock line, SCLK, is also configured as an output. The
CS
for the AD7705/AD7706 is active when either the
RFS or TFS
outputs from the ADSP-2103/ADSP-2105 are active. The serial
clock rate on the ADSP-2103/ADSP-2105 should be limited to
3 MHz to ensure correct operation with the AD7705/AD7706.
CODE FOR SETTING UP THE AD7705/AD7706
Table XVII gives a set of read and write routines in C code for
interfacing the 68HC11 microcontroller to the AD7705. The
sample program sets up the various registers on the AD7705
and reads 1000 samples from the part into the 68HC11. The
setup conditions on the part are exactly the same as those out-
lined for the flowchart of Figure 18. In the example code given
here, the
DRDY output is polled to determine if a new valid
word is available in the data register. The very same sequence is
applicable for the AD7706.
The sequence of the events in this program are as follows:
1. Write to the Communications Register, selecting channel one
as the active channel and setting the next operation to be a
write to the clock register.
2. Write to Clock Register setting the CLK DIV bit which
divides the external clock internally by two. This assumes
that the external crystal is 4.9512 MHz. The update rate is
selected to be 50 Hz.
3. Write to Communication Register selecting Channel 1 as the
active channel and setting the next operation to be a write to
the Setup Register.
4. Write to the Setup Register, setting the gain to 1, setting
bipolar mode, buffer off, clearing the filter synchronization
and initiating a self-calibration.
5. Poll the
DRDY output.
6. Read the data from the Data Register.
7. Loop around doing Steps 5 and 6 until the specified number
of samples have been taken from the selected channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com