Electronic Components Datasheet Search
  English  ▼

X  

AD7705BN Datasheet(PDF) 30 Page - Analog Devices

Part # AD7705BN
Description  3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705BN Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7705BN Datasheet HTML 24Page - Analog Devices AD7705BN Datasheet HTML 25Page - Analog Devices AD7705BN Datasheet HTML 26Page - Analog Devices AD7705BN Datasheet HTML 27Page - Analog Devices AD7705BN Datasheet HTML 28Page - Analog Devices AD7705BN Datasheet HTML 29Page - Analog Devices AD7705BN Datasheet HTML 30Page - Analog Devices AD7705BN Datasheet HTML 31Page - Analog Devices AD7705BN Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD7705/AD7706
–30–
REV. A
AD7705
VDD
+5V
AIN1(+)
AIN1(–)
REF IN(–)
GND
MCLK IN
MCLK OUT
RESET
DRDY
DOUT DIN
CS
SCLK
REF IN(+)
6.25k
400 A
RL1
RL2
RL3
RL4
RTD
Figure 24. RTD Measurement Using the AD7705
Smart Transmitters
Another area where the low power, single supply, three-wire
interface capabilities is of benefit is in smart transmitters. Here,
the entire smart transmitter must operate from the 4 mA to
20 mA loop. Tolerances in the loop mean that the amount of
current available to power the transmitter is as low as 3.5 mA.
The AD7705 consumes only 320
µA, leaving at least 3 mA
available for the rest of the transmitter. Figure 25 shows a block
diagram of a smart transmitter which includes the AD7705. The
AD7705 with its dual input channel is ideally suited to systems
requiring an auxiliary channel whose measured variable is used
to correct that of the primary channel.
VDD
GND
REF IN
ISOLATED SUPPLY
4.7 F
100k
MCLK IN
MCLK OUT
AD7705
ISOLATED GROUND
MICROCONTROLLER UNIT
•PID
•RANGE SETTING
•CALIBRATION
•LINEARIZATION
•OUTPUT CONTROL
•SERIAL COMMUNICATION
•HART PROTOCOL
VCC
COM
VCC
BOOST
REF OUT1
REF OUT2
REF IN
AD421
C1 C2 C3
COM
LOOP
RTN
COMP
DRIVE
4.7 F
0.01 F
0.1 F
2.2 F
DN25D
1k
1000pF
0.01 F
0.01 F
0.0033 F
ISOLATION
BARRIER
SENSORS
RTD
mV
TC
MAIN TRANSMITTER ASSEMBLY
4mA
TO
20mA
Figure 25. Smart Transmitter Using the AD7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com