Electronic Components Datasheet Search
  English  ▼

X  

CYRF89435 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYRF89435
Description  PRoC??- CapSense짰
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF89435 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYRF89435 Datasheet HTML 9Page - Cypress Semiconductor CYRF89435 Datasheet HTML 10Page - Cypress Semiconductor CYRF89435 Datasheet HTML 11Page - Cypress Semiconductor CYRF89435 Datasheet HTML 12Page - Cypress Semiconductor CYRF89435 Datasheet HTML 13Page - Cypress Semiconductor CYRF89435 Datasheet HTML 14Page - Cypress Semiconductor CYRF89435 Datasheet HTML 15Page - Cypress Semiconductor CYRF89435 Datasheet HTML 16Page - Cypress Semiconductor CYRF89435 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
CYRF89435
Document Number: 001-76581 Rev. *D
Page 13 of 40
DC Chip-Level Specifications
The following table lists guaranteed maximum and minimum specifications for the entire voltage and temperature ranges.
Table 4. DC Chip-Level Specifications
Symbol
Description
Conditions
Min
Typ
Max
Units
VIN[5, 6, 7, 8]
Supply voltage
Refer the table DC POR and LVD
Specifications on page 18
1.9
–
3.6
V
IDD24
Supply current, IMO = 24 MHz
Conditions are VIN  3.0 V,
TA = 25 °C, CPU = 24 MHz.
CapSense running at 12 MHz,
no I/O sourcing current
–
2.88
4.00
mA
IDD12
Supply current, IMO = 12 MHz
Conditions are VIN  3.0 V,
TA = 25 °C, CPU = 12 MHz.
CapSense running at 12 MHz,
no I/O sourcing current
–
1.71
2.60
mA
IDD6
Supply current, IMO = 6 MHz
Conditions are VIN  3.0 V,
TA = 25 °C, CPU = 6 MHz.
CapSense running at 6 MHz,
no I/O sourcing current
–
1.16
1.80
mA
IDDAVG10
Average supply current per
sensor
One sensor scanned at 10 ms rate
–
250
–
A
IDDAVG100
Average supply current per
sensor
One sensor scanned
at 100 ms rate
–
25
–
A
IDDAVG500
Average supply current per
sensor
One sensor scanned
at 500 ms rate
–
7
–
A
ISB0
Deep sleep current
VIN  3.0 V, TA = 25 °C,
I/O regulator turned off
–
0.10
1.05
A
ISB1
Standby current with POR, LVD
and sleep timer
VIN  3.0 V, TA = 25 °C,
I/O regulator turned off
–
1.07
1.50
A
ISBI2C
Standby current with I2C enabled Conditions are VIN = 3.3 V,
TA = 25 °C and CPU = 24 MHz
–
1.64
–
A
Notes
5. If powering down in standby sleep mode, to properly detect and recover from a VIN brown out condition any of the following actions must be taken:
Bring the device out of sleep before powering down.
Assure that VIN falls below 100 mV before powering back up.
Set the No Buzz bit in the OSC_CR0 register to keep the voltage monitoring circuit powered during sleep.
Increase the buzz rate to assure that the falling edge of VIN is captured. The rate is configured through the PSSDC bits in the SLP_CFG register.
For the referenced registers, refer to the CY8C20X36 Technical Reference Manual. In deep sleep mode, additional low power voltage monitoring circuitry allows VIN
brown out conditions to be detected for edge rates slower than 1V/ms.
6. Always greater than 50 mV above VPPOR1 voltage for falling supply.
7. Always greater than 50 mV above VPPOR2 voltage for falling supply.
8. Always greater than 50 mV above VPPOR3 voltage for falling supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com