Electronic Components Datasheet Search
  English  ▼

X  

CYRF89435 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CYRF89435
Description  PRoC??- CapSense짰
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF89435 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CYRF89435 Datasheet HTML 17Page - Cypress Semiconductor CYRF89435 Datasheet HTML 18Page - Cypress Semiconductor CYRF89435 Datasheet HTML 19Page - Cypress Semiconductor CYRF89435 Datasheet HTML 20Page - Cypress Semiconductor CYRF89435 Datasheet HTML 21Page - Cypress Semiconductor CYRF89435 Datasheet HTML 22Page - Cypress Semiconductor CYRF89435 Datasheet HTML 23Page - Cypress Semiconductor CYRF89435 Datasheet HTML 24Page - Cypress Semiconductor CYRF89435 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
CYRF89435
Document Number: 001-76581 Rev. *D
Page 21 of 40
AC GPIO Specifications
The following table lists guaranteed maximum and minimum specifications for the entire voltage and temperature ranges.
Figure 5. GPIO Timing Diagram
Table 17. AC GPIO Specifications
Symbol
Description
Conditions
Min
Typ
Max
Units
FGPIO
GPIO operating frequency
Normal strong mode
Port 0, 1
0
0
–
–
6 MHz for
1.9 V <VIN < 2.40 V
12 MHz for
2.40 V < VIN< 3.6 V
MHz
MHz
tRISE23
Rise time, strong mode,
Cload = 50 pF
Port 2 or 3 or 4 pins
VIN = 3.0 to 3.6 V,
10% to 90%
15
–
80
ns
tRISE23L
Rise time,
strong mode low supply,
Cload = 50 pF,
Port 2 or 3 or 4 pins
VIN = 1.9 to 3.0 V,
10% to 90%
15
–
80
ns
tRISE01
Rise time, strong mode,
Cload = 50 pF, Ports 0 or 1
VIN = 3.0 to 3.6 V,
10% to 90%,
LDO enabled or
disabled
10
–
50
ns
tRISE01L
Rise time,
strong mode low supply,
Cload = 50 pF, Ports 0 or 1
VIN = 1.9 to 3.0 V,
10% to 90%,
LDO enabled or
disabled
10
–
80
ns
tFALL
Fall time, strong mode,
Cload = 50 pF, all ports
VIN = 3.0 to 3.6 V,
10% to 90%
10
–
50
ns
tFALLL
Fall time,
strong mode low supply,
Cload = 50 pF, all ports
VIN = 1.9 to 3.0 V,
10% to 90%
10
–
70
ns
tFALL
tRISE23
tRISE01
90%
10%
GPIO Pin
Output
Voltage
tRISE23L
tRISE01L
tFALLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com