Electronic Components Datasheet Search
  English  ▼

X  

AD775 Datasheet(PDF) 12 Page - Analog Devices

Part # AD775
Description  8-Bit 20 MSPS, 60 mW Sampling A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD775 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD775 Datasheet HTML 4Page - Analog Devices AD775 Datasheet HTML 5Page - Analog Devices AD775 Datasheet HTML 6Page - Analog Devices AD775 Datasheet HTML 7Page - Analog Devices AD775 Datasheet HTML 8Page - Analog Devices AD775 Datasheet HTML 9Page - Analog Devices AD775 Datasheet HTML 10Page - Analog Devices AD775 Datasheet HTML 11Page - Analog Devices AD775 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD775
REV. 0
–12–
Figure 22. Power Plane PCB Layout (Not to Scale)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
SOIC (R-24A)
PIN 1
13
24
12
1
0.221 (5.6)
0.205 (5.2)
0.327 (8.3)
0.295 (7.5)
0.022 (0.55)
0.014 (0.35)
0.050 (1.27)
BSC
0.606 (15.4)
0.586 (14.9)
0.089 (2.25)
0.067 (1.70)
0.012 (0.12)
0.002 (0.05)
0.012 (0.30)
0.006 (0.15)
0.028 (0.7)
0.012 (0.3)
0.272 (6.9)
Plastic DIP (N-24B)
15
°
0
°
0.014 (0.35)
0.008 (0.20)
0.400 (10.16)
0.100
(2.54)
BSC
SEATING
PLANE
0.118 (3.00)
MIN
0.024 (0.60)
0.016 (0.40)
0.053 (1.35)
0.041 (1.05)
0.200 (5.05)
0.125 (3.18)
0.020
(0.50)
MIN
1.205 (30.60)
1.185 (30.10)
PIN 1
24
1
13
12
0.346 (8.80)
0.330 (8.40)
0.195 (4.95)
0.125 (3.18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com