Electronic Components Datasheet Search
  English  ▼

X  

AD775 Datasheet(PDF) 3 Page - Analog Devices

Part # AD775
Description  8-Bit 20 MSPS, 60 mW Sampling A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD775 Datasheet(HTML) 3 Page - Analog Devices

  AD775 Datasheet HTML 1Page - Analog Devices AD775 Datasheet HTML 2Page - Analog Devices AD775 Datasheet HTML 3Page - Analog Devices AD775 Datasheet HTML 4Page - Analog Devices AD775 Datasheet HTML 5Page - Analog Devices AD775 Datasheet HTML 6Page - Analog Devices AD775 Datasheet HTML 7Page - Analog Devices AD775 Datasheet HTML 8Page - Analog Devices AD775 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–3–
REV. 0
AD775
DIGITAL SPECIFICATIONS
AD775J
Parameter
Symbol
DVDD
Min
Typ
Max
Units
LOGIC INPUT
High Level Input Voltage
VIH
5.0
4.0
V
Low Level Input Voltage
VIL
5.0
1.0
V
High Level Input Current
(VIH = DVDD)IIH
5.25
5
µA
Low Level Input Current
(VIL = 0 V)
IIL
5.25
–5
µA
Logic Input Capacitance
CIN
5pF
LOGIC OUTPUTS
High Level Output Current
OE
= DVSS, VOH = DVDD–0.5 V
IOH
4.75
–1.1
mA
OE
= DVDD, VOH = DVDD
IOZ
5.25
16
µA
Low Level Output Current
OE
= DVSS, VOL = 0.4 V
IOL
4.75
3.7
mA
OE
= DVDD, VOL = 0 V
IOZ
5.25
16
µA
TIMING SPECIFICATIONS
Symbol
Min
Typ
Max
Units
Maximum Conversion Rate
20
35
MHz
Clock Period
tC
50
ns
Clock High
tCH
25
ns
Clock Low
tCL
25
ns
Output Delay
tOD
18
30
ns
Pipeline Delay (Latency)
2.5
Clock Cycles
Sampling Delay
tDS
4ns
Aperture Jitter
30
ps
Specifications subject to change without notice.
VIN
CLK
OUT
SAMPLE N
SAMPLE N+1
SAMPLE N+2
DATA N-3
DATA N-2
DATA N-1
DATA N
t
OD
t
C
t
CL
t
CH
t
DS
Figure 1. AD775 Timing Diagram
(TA = +25 C with AVDD, DVDD = +5 V, AVSS, DVSS = 0 V, VRT = 2.6 V, VRB = +0.6 V,
CLOCK = 20 MHz unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com