Electronic Components Datasheet Search
  English  ▼

X  

AOB290L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOB290L
Description  100V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB290L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOB290L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB290L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB290L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB290L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB290L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB290L Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOT290L/AOB290L
100V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
140A
RDS(ON) (at VGS=10V)
< 3.5m
Ω (< 3.2mΩ∗)
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
IDM
IAS, IAR
EAS, EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
* Surface mount package TO263
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
0.25
60
0.3
W
Power Dissipation
A
PDSM
W
TA=70°C
500
1.3
TA=25°C
110
TC=25°C
TC=100°C
Power Dissipation
B
PD
Continuous Drain
Current
500
18
Avalanche energy L=0.1mH
C
A
TA=25°C
IDSM
A
TA=70°C
500
Pulsed Drain Current
C
Continuous Drain
Current
G
ID
140
The AOT290L/AOB290L uses Trench MOSFET
technology that is uniquely optimized to provide the most
efficient high frequency switching performance. Power
losses are minimized due to an extremely low combination
of RDS(ON) and Crss.In addition, switching behavior is well
controlled with a soft recovery body diode.This device is
ideal for boost converters and synchronous rectifiers for
consumer, telecom, industrial power supplies and LED
backlighting.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
100V
mJ
Avalanche Current
C
15
A
100
V
±20
Gate-Source Voltage
Drain-Source Voltage
100
°C
Thermal Characteristics
Units
Maximum Junction-to-Ambient
A
°C/W
RθJA
12
50
15
Parameter
Typ
Max
TC=25°C
2.1
250
TC=100°C
Junction and Storage Temperature Range
-55 to 175
G
D
S
TO220
Top View
Bottom
View
G
G
S
D
D
S
D
D
TO-263
D
2PAK
Top View
Bottom View
D
D
S
G
G
S
Rev3 : Sep 2011
www.aosmd.com
Page 1 of 6


Similar Part No. - AOB290L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB290L AOSMD-AOB290L Datasheet
304Kb / 6P
100V N-Channel MOSFET
logo
Inchange Semiconductor ...
AOB290L ISC-AOB290L Datasheet
316Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - AOB290L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com