Electronic Components Datasheet Search
  English  ▼

X  

AOB290L Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOB290L
Description  100V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB290L Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOB290L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB290L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB290L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB290L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB290L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB290L Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AOT290L/AOB290L
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
40
0.0001
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
1000
10000
Pulse Width (s)
Figure 16: Normalized Maximum Transient Thermal Impedance (Note H)
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0
100
200
300
400
500
600
0
25
50
75
100
125
150
175
TCASE (°C)
Figure 13: Power De-rating (Note F)
0
30
60
90
120
150
0
25
50
75
100
125
150
175
TCASE (°C)
Figure 14: Current De-rating (Note F)
1
10
100
1000
10000
0.001
0.1
10
1000
Pulse Width (s)
Figure 15: Single Pulse Power Rating Junction-to-
Ambient (Note H)
TA=25°C
RθJA=60°C/W
10
100
1000
1
10
100
1000
Time in avalanche, tA (µ
µµµs)
Figure 12: Single Pulse Avalanche capability
(Note C)
TA=25°C
TA=150°C
TA=100°C
TA=125°C
Rev3 : Sep 2011
www.aosmd.com
Page 5 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com