Electronic Components Datasheet Search
  English  ▼

X  

MPSR Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MPSR
Description  Polymeric PTC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPSR Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MPSR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPSR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPSR Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPSR Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feature and Applications
UL E223037
•
ROHS Compliant (Lead Free) Product
•
Electronic applications: Rechargeable battery packs, Lithium cell and battery packs
•
Low profile, Solid state
•
Operation Current: 1.2A to 4.2A
•
Maximum Operating Voltage: 15V and 30V
•
Temperature Range: -40ºC to 85ºC
Polymeric PTC
MPSR Series
PART NUMBERING SYSTEM
MPSR
XXX
Meritek Series
Current Rating
Rev.7


Similar Part No. - MPSR

ManufacturerPart #DatasheetDescription
logo
C&K Components
MPSR CK-COMPONENTS-MPSR Datasheet
271Kb / 2P
Ruggedized Magnetic Proximity Sensors
28 Jun 22
More results

Similar Description - MPSR

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
Surface Mount Polymeric ESD Suppressors
logo
MERITEK ELECTRONICS COR...
MPRV MERITEK-MPRV Datasheet
325Kb / 8P
Polymeric PTC
MPTH MERITEK-MPTH Datasheet
330Kb / 8P
Polymeric PTC
MPTR MERITEK-MPTR Datasheet
460Kb / 19P
Polymeric PTC
MPTS-R MERITEK-MPTS-R Datasheet
453Kb / 20P
Polymeric PTC
MPTS-S MERITEK-MPTS-S Datasheet
453Kb / 20P
Polymeric PTC
logo
Bourns Electronic Solut...
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
Polymeric Thermal Cutoff Device
logo
Shanghai Leiditech Elec...
PESD2510AV12 LEIDITECH-PESD2510AV12 Datasheet
1Mb / 8P
Surface Mount Polymeric ESD Suppressor
logo
UN Semiconducctor INC
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com