Electronic Components Datasheet Search
  English  ▼

X  

MPSR Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MPSR
Description  Polymeric PTC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPSR Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MPSR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPSR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPSR Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPSR Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (23ºC)
Resistance Tolerance
Hold
Current
Trip
Current
Max. Time to
Trip
Rated
Voltage
Maximum
Current
Typical
Power
RMIN
RMAX
R1MAX
Part
Number
IH, A
IT, A
at 5xIH, S
V MAX, Vdc
IMAX, A
Pd, W
ohms
ohms
ohms
MPSR120
1.20
2.70
5.0
15
100
1.2
0.085
0.160
0.220
MPSR175
1.75
3.80
5.0
15
100
1.5
0.050
0.090
0.120
MPSR200
2.00
4.40
4.0
30
100
1.9
0.030
0.060
0.100
MPSR350
3.50
6.30
3.0
30
100
2.5
0.017
0.031
0.050
MPSR420
4.20
7.60
6.0
30
100
2.9
0.012
0.024
0.040
IH=Hold current-maximum current at which the device will not trip at 23ºC still air.
IT=Trip current-minimum current at which the device will always trip at 23ºC still air.
VMAX=Maximum voltage device can withstand without damage at its rated current.
I MAX= Maximum fault current device can withstand without damage at rated voltage (VMAX).
Pd=Maximum power dissipated from device when in tripped state in 23ºC still air environment.
RMIN=Minimum device resistance at 23ºC.
R1MAX=Maximum device resistance at 23ºC, 1 hour after tripping.
Physical specifications:
Lead material: 0.13mm nominal thickness, quarter-hard nickel.
Insulating material: Polyester tape
MPSR Series
Polymeric PTC
Rev.7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com