Electronic Components Datasheet Search
  English  ▼

X  

AD7836 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7836
Description  LC2MOS Quad 14-Bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7836 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7836 Datasheet HTML 3Page - Analog Devices AD7836 Datasheet HTML 4Page - Analog Devices AD7836 Datasheet HTML 5Page - Analog Devices AD7836 Datasheet HTML 6Page - Analog Devices AD7836 Datasheet HTML 7Page - Analog Devices AD7836 Datasheet HTML 8Page - Analog Devices AD7836 Datasheet HTML 9Page - Analog Devices AD7836 Datasheet HTML 10Page - Analog Devices AD7836 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Typical Performance Characteristics–AD7836
–7–
REV. A
INPUT CODE/1000
1.0
0.0
–0.6
02
4
6
8
10
12
0.8
0.2
–0.2
–0.4
0.6
0.4
–0.8
–1.0
14
16
Figure 2. Typical INL Plot
TEMPERATURE – °C
1.0
0.5
–1.0
–40
90
–20
0
20
40
60
80
0
–0.5
VDD = 15V
VSS = –15V
VREF(+) = +5V
VREF(–) = –5V
Figure 5. Typical DNL Error vs.
Temperature
0.7
0.6
–0.2
0.4
0.3
0.2
0.1
0.5
0
–0.1
VERT = 100mV/DIV
HORIZ = 1 s/DIV
Figure 8. Typical Digital/Analog
Glitch Impulse
INPUT CODE/1000
0.9
–0.2
02
46
8
10
12
0.6
0.0
–0.4
–0.6
0.4
0.2
–0.9
14
16
Figure 3. Typical DNL Plot
TEMPERATURE – °C
2
1
–2
–40
90
–20
0
20
40
60
80
0
–1
VDD = 15V
VSS = –15V
VREF(+) = +5V
VREF(–) = –5V
FULL-SCALE ERROR
OFFSET ERROR
Figure 6. Offset and Full-Scale Error
vs. Temperature
SETTLING TIME –
s
10.2
10.0
9.2
11
14
12
13
9.8
9.6
9.4
Figure 9. Settling Time (+)
TEMPERATURE – °C
2
1
–2
–40
90
–20
0
20
40
60
80
0
–1
VDD = 15V
VSS = –15V
VREF(+) = +5V
VREF(–) = –5V
Figure 4. Typical INL Error vs.
Temperature
TEMPERATURE – °C
6
2
–1
–40
90
–20
0
20406080
5
4
1
0
3
VCC = 5V
VDD = 15V
VSS = –15V
DIGITAL INPUTS @ THRESHOLDS
DIGITAL INPUTS @ SUPPLIES
Figure 7. ICC vs. Temperature
TEMPERATURE – °C
8
7
4
–40
90
–20
0
20
40
60
80
6
5
VDD = 15V
VSS = –15V
VREF(+) = +5V
VREF(–) = –5V
Figure 10. IDD/ISS vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com