Electronic Components Datasheet Search
  English  ▼

X  

AD7836 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7836
Description  LC2MOS Quad 14-Bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7836 Datasheet(HTML) 2 Page - Analog Devices

  AD7836 Datasheet HTML 1Page - Analog Devices AD7836 Datasheet HTML 2Page - Analog Devices AD7836 Datasheet HTML 3Page - Analog Devices AD7836 Datasheet HTML 4Page - Analog Devices AD7836 Datasheet HTML 5Page - Analog Devices AD7836 Datasheet HTML 6Page - Analog Devices AD7836 Datasheet HTML 7Page - Analog Devices AD7836 Datasheet HTML 8Page - Analog Devices AD7836 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Parameter
A
Units
Test Conditions/Comments
ACCURACY
Resolution
14
Bits
Relative Accuracy
± 2
LSB max
Differential Nonlinearity
±0.9
LSB max
Guaranteed Monotonic Over Temperature
Full-Scale Error
± 8
LSB max
VREF(+) = +5 V, VREF(–) = –5 V. Typically within
±1 LSB
Zero-Scale Error
± 8
LSB max
VREF(+) = +5 V, VREF(–) = –5 V. Typically within
±1 LSB
Gain Error
± 2
mV typ
VREF(+) = +5 V, VREF(–) = –5 V
Gain Temperature Coefficient
2
20
ppm FSR/
°C typ
40
ppm FSR/
°C max
DC Crosstalk
2
50
µV max
See Terminology. RL = 5 k
Ω
REFERENCE INPUTS
DC Input Resistance
100
M
Ω typ
Input Current
± 1
µA max
Per Input. Typically
±20 nA
VREF(+) Range
0/+5
V min/max
VREF(–) Range
–5/0
V min/max
[VREF(+) – VREF(–)]
2/10
V min/max
For Specified Performance. Can Go as Low as 0 V,
but Performance Not Guaranteed
OUTPUT CHARACTERISTICS
Output Voltage Swing
±10
V min
2
× (VREF(–)+[VREF(+)-VREF(–)]•D) – VDUTDGN
Short Circuit Current
25
mA max
Resistive Load
5
k
Ω min
To 0 V
Capacitive Load
50
pF max
To 0 V
DIGITAL INPUTS
VINH, Input High Voltage
2.4
V min
VINL, Input Low Voltage
0.8
V max
IINH, Input Current
±10
µA max
Total for All Pins
CIN, Input Capacitance
10
pF max
POWER REQUIREMENTS
VCC
5.0
V nom
±5% for Specified Performance
VDD
15.0
V nom
±5% for Specified Performance
VSS
–15.0
V nom
±5% for Specified Performance
Power Supply Sensitivity
∆Full Scale/∆V
DD
110
dB typ
∆Full Scale/∆V
SS
100
dB typ
ICC
0.5
mA max
VINH = VCC, VINL = DGND. Dynamic Current
8
mA max
VINH = 2.4 V min, VINL = 0.8 V max
IDD
14
mA max
Outputs Unloaded. Typically 7 mA
ISS
14
mA max
Outputs Unloaded. Typically 7 mA
REV. A
–2–
AD7836–SPECIFICATIONS
(VCC = +5 V
5%; VDD = +15 V
5%; VSS = –15 V
5%; AGND = DGND = DUTGND
= 0 V; RL = 5 k
and CL = 50 pF to GND, TA
1 = T
MIN to TMAX, unless otherwise noted)
Parameter
A
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
16
µs typ
Full-Scale Change to
±1/2 LSB. DAC Latch Contents Alternately
Loaded with All 0s and All 1s
Digital-to-Analog Glitch Impulse
150
nV-s typ
Measured with VREF(+) = +5 V, VREF(–) = –5 V. DAC Latch
Alternately Loaded with 1FFF Hex and 2000 Hex. Not Dependent
on Load Conditions
DC Output Impedance
0.3
Ω max
See Terminology
Channel-to-Channel Isolation
115
dB typ
See Terminology
DAC-to-DAC Crosstalk
10
nV-s typ
See Terminology
Digital Crosstalk
10
nV-s typ
Feedthrough to DAC Output Under Test Due to Change in Digital
Input Code to Another Converter
Digital Feedthrough
0.2
nV-s typ
Effect of Input Bus Activity on DAC Output Under Test
Output Noise Spectral Density
@ 1 kHz
40
nV/
√Hz typ
All 1s Loaded to DAC. VREF(+) = VREF(–) = 0 V
NOTES
1Temperature range for A Version: –40
°C to +85°C
2Guaranteed by design.
Specifications subject to change without notice.
(These characteristics are included for Design Guidance and are not
subject to production testing.)
AC PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com