| Electronic Components Datasheet Search |
|
MPTS-S Datasheet(PDF) 13 Page - MERITEK ELECTRONICS CORPORATION |
|
|
|||||||||||||||||||||||||||||
MPTS-S Datasheet(HTML) 13 Page - MERITEK ELECTRONICS CORPORATION |
|
13 / 20 page ![]() Electrical Characteristics (23º) MPTS1812 IH=Hold current-maximum current at which the device will not trip at 23ºC still air. IT=Trip current-minimum current at which the device will always trip at 23ºC still air. V MAX=Maximum voltage device can withstand without damage at its rated current (I MAX) I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX). Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23ºC still air environment. RMIN=Minimum device resistance at 23ºC prior to tripping. R1MAX=Maximum device resistance at 23ºC measured 1 hour after tripping or reflow soldering of 260ºC for 20 seconds. Termination pad characteristics Termination pad materials: Pure Tin Max Time to Trip Resistance Hold Current Trip Current Rated Voltage Max Current Typical Power Current Time RMIN R1MAX Part Number IH, A IT, A VMAX, Vdc IMAX, A Pd, W Amp Sec Ω Ω MPTS1812L010 0.10 0.30 60 10 0.8 8.0 0.020 1.600 15.00 MPTS1812L014 0.14 0.30 60 10 0.8 8.0 0.008 1.200 6.500 MPTS1812L020 0.20 0.40 30 10 0.8 8.0 0.020 0.800 5.000 MPTS1812L035 0.35 0.70 16 40 0.8 8.0 0.100 0.320 1.500 MPTS1812L050 0.50 1.00 16 40 0.8 8.0 0.150 0.150 1.000 MPTS1812L075 0.75 1.50 16 40 0.8 8.0 0.200 0.110 0.450 MPTS1812L075-24R 0.75 1.50 24 40 1.0 8.0 0.200 0.110 0.290 MPTS1812L075-33R 0.75 1.50 33 40 1.0 8.0 0.200 0.110 0.400 MPTS1812L110 1.10 2.20 8 100 0.8 8.0 0.300 0.040 0.210 MPTS1812L110-16 1.10 2.20 16 100 0.8 8.0 0.500 0.040 0.180 MPTS1812L110-24R 1.10 2.20 24 100 1.0 8.0 0.500 0.060 0.200 MPTS1812L125 1.25 2.50 6 40 0.8 8.0 0.400 0.050 0.140 MPTS1812L150 1.50 3.00 8 100 0.8 8.0 0.500 0.040 0.110 MPTS1812L150-12R 1.50 3.00 12 100 1.0 8.0 0.500 0.040 0.110 MPTS1812L150-24R 1.50 3.00 24 100 1.0 8.0 1.500 0.040 0.120 MPTS1812L160 1.60 3.20 8 100 0.8 8.0 0.500 0.030 0.100 MPTS1812L160-12R 1.60 3.20 12 100 1.0 8.0 1.000 0.030 0.100 MPTS1812L160-16R 1.60 3.20 16 100 1.0 8.0 1.000 0.030 0.100 MPTS1812L200R 2.00 3.50 8 100 1.0 8.0 2.000 0.020 0.070 MPTS1812L260R 2.60 5.00 6 100 1.0 8.0 2.500 0.015 0.047 MPTS1812L260-13R 2.60 5.00 13.2 100 1.3 8.0 5.000 0.015 0.050 MPTS1812L260-16R 2.60 5.00 16 100 1.3 8.0 5.000 0.015 0.050 MPTS1812L300R 3.00 5.00 6 100 1.0 8.0 4.000 0.012 0.040 MPTS Series Polymeric PTC Rev.7 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |