| Electronic Components Datasheet Search |
|
MPTS-S Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION |
|
|
|||||||||||||||||||||||||||||
MPTS-S Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION |
|
2 / 20 page ![]() Electrical Characteristics (23ºC) MPTS0805 Max Time to Trip Resistance Hold Current Trip Current Rated Voltage Max Current Typical Power Current Time RMIN R1MAX Part Number IH, A IT, A VMAX, Vdc IMAX, A Pd, W Amp Sec Ω Ω MPTS0805L010 0.10 0.30 15 100 0.5 0.50 1.50 0.700 6.000 MPTS0805L020 0.20 0.50 9 100 0.5 8.00 0.02 0.400 3.500 MPTS0805L035 0.35 0.75 6 100 0.5 8.00 0.10 0.250 1.200 MPTS0805L050R 0.50 1.00 6 100 0.5 8.00 0.10 0.150 0.850 MPTS0805L075R 0.75 1.50 6 40 0.6 8.00 0.20 0.090 0.350 MPTS0805L100R 1.00 1.95 6 40 0.6 8.00 0.30 0.060 0.210 IH=Hold current-maximum current at which the device will not trip at 23ºC still air. IT=Trip current-minimum current at which the device will always trip at 23ºC still air. V MAX=Maximum voltage device can withstand without damage at its rated current (I MAX) I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX). Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23ºC still air environment. RMIN=Minimum device resistance at 23ºC prior to tripping. R1MAX=Maximum device resistance at 23ºC measured 1 hour after tripping or reflow soldering of 260ºC for 20 seconds. Termination pad characteristics Termination pad materials: Pure Tin Product Dimensions (Millimeters) MPTS0805 A B C D E Part Number Min Max Min Max Min Max Min Max Min Max MPTS0805L010 2.00 2.30 1.20 1.50 0.55 1.00 0.20 0.60 0.10 0.45 MPTS0805L020 2.00 2.30 1.20 1.50 0.55 1.00 0.20 0.60 0.10 0.45 MPTS0805L035 2.00 2.30 1.20 1.50 0.45 0.75 0.20 0.60 0.10 0.45 MPTS0805L050R 2.00 2.30 1.20 1.50 0.55 1.25 0.20 0.60 0.10 0.45 MPTS0805L075R 2.00 2.30 1.20 1.50 0.55 1.25 0.20 0.60 0.10 0.45 MPTS0805L100R 2.00 2.30 1.20 1.50 0.75 1.80 0.20 0.60 0.10 0.45 Polymeric PTC MPTS Series Rev.7 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |