Electronic Components Datasheet Search
  English  ▼

X  

AD7853 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7853
Description  3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7853 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7853 Datasheet HTML 18Page - Analog Devices AD7853 Datasheet HTML 19Page - Analog Devices AD7853 Datasheet HTML 20Page - Analog Devices AD7853 Datasheet HTML 21Page - Analog Devices AD7853 Datasheet HTML 22Page - Analog Devices AD7853 Datasheet HTML 23Page - Analog Devices AD7853 Datasheet HTML 24Page - Analog Devices AD7853 Datasheet HTML 25Page - Analog Devices AD7853 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
REV. B
–22–
AD7853/AD7853L
System Gain and Offset Interaction
The inherent architecture of the AD7853/AD7853L leads to an
interaction between the system offset and gain errors when a
system calibration is performed. Therefore it is recommended to
perform the cycle of a system offset calibration followed by a
system gain calibration twice. Separate system offset and system
gain calibrations reduce the offset and gain errors to at least the
12-bit level. By performing a system offset calibration first and a
system gain calibration second, priority is given to reducing the
gain error to zero before reducing the offset error to zero. If the
system errors are small, a system offset calibration would be
performed, followed by a system gain calibration. If the systems
errors are large (close to the specified limits of the calibration
range), this cycle would be repeated twice to ensure that the
offset and gain errors were reduced to at least the 12-bit level.
The advantage of doing separate system offset and system gain
calibrations is that the user has more control over when the
analog inputs need to be at the required levels, and the
CONVST
signal does not have to be used.
Alternatively, a system (gain + offset) calibration can be per-
formed. It is recommended to perform three system (gain +
offset) calibrations to reduce the offset and gain errors to the
12-bit level. For the system (gain + offset) calibration priority is
given to reducing the offset error to zero before reducing the
gain error to zero. Thus if the system errors are small then two
system (gain + offset) calibrations will be sufficient. If the sys-
tem errors are large (close to the specified limits of the calibra-
tion range), three system (gain + offset) calibrations may be
required to reduced the offset and gain errors to at least the
12-bit level. There will never be any need to perform more than
three system (offset + gain) calibrations.
In Bipolar Mode the midscale error is adjusted for an offset
calibration and the positive full-scale error is adjusted for the
gain calibration; in Unipolar Mode the zero-scale error is ad-
justed for an offset calibration and the positive full-scale error is
adjusted for a gain calibration.
System Calibration Timing
The calibration timing diagram in Figure 31 is for a full system
calibration where the falling edge of
CAL initiates an internal
reset before starting a calibration (note that if the part is in power-
down mode the
CAL pulsewidth must take account of the power-up
time). If a full system calibration is to be performed in software,
it is easier to perform separate gain and offset calibrations so
that the CONVST bit in the control register does not have to be
programmed in the middle of the system calibration sequence.
The rising edge of
CAL starts calibration of the internal DAC
and causes the BUSY line to go high. If the control register is
set for a full system calibration, the
CONVST must be used
also. The full-scale system voltage should be applied to the
analog input pins from the start of calibration. The BUSY line
will go low once the DAC and system gain calibration are
complete. Next the system offset voltage is applied to the AIN
pin for a minimum setup time (tSETUP) of 100 ns before the
rising edge of the
CONVST and remain until the BUSY signal
goes low. The rising edge of the
CONVST starts the system
offset calibration section of the full system calibration and also
causes the BUSY signal to go high. The BUSY signal will go
low after a time tCAL2 when the calibration sequence is complete.
The timing for a system (gain + offset) calibration is very similar
to that of Figure 31, the only difference being that the time
tCAL1 will be replaced by a shorter time of the order of tCAL2 as
the internal DAC will not be calibrated. The BUSY signal will
signify when the gain calibration is finished and when the part is
ready for the offset calibration.
t1 = 100ns MIN, t14 = 50/90ns MIN 5V/3V,
t15 = 2.5 tCLKIN MAX, tCAL1 = 111114 tCLKIN MAX,
tCAL2 = 13899 tCLKIN
(I/P)
BUSY (O/P)
(I/P)
t1
AIN (I/P)
t15
tCAL1
tCAL2
t16
tSETUP
VSYSTEM FULL SCALE
VOFFSET
Figure 31. Timing Diagram for Full System Calibration
The timing diagram for a system offset or system gain calibra-
tion is shown in Figure 32. Here again the
CAL is pulsed and
the rising edge of the
CAL initiates the calibration sequence (or
the calibration can be initiated in software by writing to the
control register). The rising edge of the
CAL causes the BUSY
line to go high and it will stay high until the calibration sequence is
finished. The analog input should be set at the correct level for a
minimum setup time (tSETUP) of 100 ns before the rising edge of
CAL and stay at the correct level until the BUSY signal goes
low.
(I/P)
BUSY (O/P)
AIN (I/P)
t
15
t
SETUP
t
1
t
CAL2
VSYSTEM FULL SCALE OR VSYSTEM OFFSET
Figure 32. Timing Diagram for System Gain or System
Offset Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com