Electronic Components Datasheet Search
  English  ▼

X  

AD7853 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7853
Description  3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7853 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7853 Datasheet HTML 21Page - Analog Devices AD7853 Datasheet HTML 22Page - Analog Devices AD7853 Datasheet HTML 23Page - Analog Devices AD7853 Datasheet HTML 24Page - Analog Devices AD7853 Datasheet HTML 25Page - Analog Devices AD7853 Datasheet HTML 26Page - Analog Devices AD7853 Datasheet HTML 27Page - Analog Devices AD7853 Datasheet HTML 28Page - Analog Devices AD7853 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
REV. B
–25–
AD7853/AD7853L
high after the 16th SCLK rising edge as shown by the dotted
SYNC line in Figure 36. Thus a frame sync that gives a high
pulse, of one SCLK cycle minimum duration, at the beginning
of the read/write operation may be used. The rising edge of
SYNC enables the three-state on the DOUT pin. The falling
edge of
SYNC disables the three-state on the DOUT pin, and
data is clocked out on the falling edge of SCLK. Once
SYNC
goes high, the three-state on the DOUT pin is enabled. The
data input is sampled on the rising edge of SCLK and thus has
to be valid a time, t7, before this rising edge. The POLARITY
pin may be used to change the SCLK edge which the data is
sampled on and clocked out on. If resetting the interface is
required, the
SYNC must be taken high and then low.
Modes 4 and 5 (Self-Clocking Modes)
The timing diagrams in Figure 38 and Figure 39 are for Inter-
face Modes 4 and 5. Interface Mode 4 has a noncontinuous
SCLK output and Interface Mode 5 has a continuous SCLK
output. These modes of operation are especially different to all
the other modes since the SCLK and
SYNC are outputs. The
SYNC is generated by the part as is the SCLK. The master
clock at the CLKIN pin is routed directly to the SCLK pin for
Interface Mode 5 (Continuous SCLK) and the CLKIN signal is
gated with the
SYNC to give the SCLK (noncontinuous) for
Interface Mode 4.
Mode 2 (3-Wire SPI/QSPI Interface Mode)
This is the DEFAULT INTERFACE MODE.
In Figure 35 below we have the timing diagram for Interface
Mode 2 which is the SPI/QSPI interface mode. Here the
SYNC
input is active low and may be pulsed or tied permanently low.
If
SYNC is permanently low 16 clock pulses must be applied to
the SCLK pin for the part to operate correctly, and with a
pulsed
SYNC input a continuous SCLK may be applied provided
SYNC is low for only 16 SCLK cycles. In Figure 30 the SYNC
going low disables the three-state on the DOUT pin. The first
falling edge of the SCLK after the
SYNC going low clocks out
the first leading zero on the DOUT pin. The DOUT pin is
three-stated again a time t12 after the SYNC goes high. With the
DIN pin the data input has to be set up a time, t7, before the
SCLK rising edge as the part samples the input data on the
SCLK rising edge in this case. The POLARITY pin may be
used to change the SCLK edge which the data is sampled on
and clocked out on. If resetting the interface is required, the
SYNC must be taken high and then low.
Mode 3 (QSPI Interface Mode)
Figure 36 shows the timing diagram for Interface Mode 3. In
this mode the DSP is the master and the part is the slave. Here
the
SYNC input is edge triggered from high to low, and the 16
clock pulses are counted from this edge. Since the clock pulses
are counted internally then the
SYNC signal does not have to go
t
3 = –0.4 tCLKIN MIN (NONCONTINUOUS SCLK) –/+0.4 tSCLK MIN/MAX (CONTINUOUS SCLK),
t
6 = 75/115 MAX (5V/3V), t7 = 40/60ns MIN (5V/3V), t8 = 20/30 MIN (5V/3V),
t
11 = 20/30 MIN (NONCONTINUOUS SCLK) (5V/3V), (30/50)/0.4 tSCLK = ns MIN/MAX (CONTINUOUS SCLK) (5V/3V)
DOUT (O/P)
SCLK (I/P)
SYNC (I/P)
DB0
t
3
t
8
t
10
t
9
t
5
DIN (I/P)
THREE-
STATE
THREE-
STATE
t
11
t
6
t
6
t
8
16
23
4
5
16
POLARITY PIN
LOGIC HIGH
t
12
DB11
DB10
DB15
DB14
DB13
DB12
DB0
DB11
DB10
DB15
DB14
DB13
DB12
t
7
Figure 35. SPI/QSPI Mode 2 Timing Diagram for Read/Write Operation with DIN Input, DOUT Output and SYNC Input
(SM1 = SM2 = 0)
t
7
DOUT (O/P)
SCLK (I/P)
SYNC (I/P)
DB0
t
3
t
8
t
10
t
9
t
5
DIN (I/P)
THREE-
STATE
THREE-
STATE
t
11
t
6
t
6
t
8
16
23
4
5
16
POLAR PIN
LOGIC HIGHITY
t
12
DB11
DB10
DB15
DB14
DB13
DB12
DB0
DB11
DB10
DB15
DB14
DB13
DB12
t
3 = –0.4 tCLKIN MIN (NONCONTINUOUS SCLK) –/+0.4 tSCLK MIN/MAX (CONTINUOUS SCLK),
t
6 = 75/115 MAX (5V/3V), t7 = 40/60ns MIN (5V/3V), t8 = 20/30 MIN (5V/3V),
t
11 = 20/30 MIN (5V/3V)
Figure 36. QSPI Mode 3 Timing Diagram for Read/Write Operation with SYNC Input Edge Triggered (SM1 = 0, SM2 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com