Electronic Components Datasheet Search
  English  ▼

X  

MUH Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MUH
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MUH Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MUH Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MUH Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MUH Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MERITEK
Snap-In Aluminum
Electrolytic Capacitors
MUH Series
FEATURES
•
105
oC standard
•
High CV density
•
Load life of 2,000 hours at 105
oC
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
10V
to 250V: -40
o
C to +105
o
C
315V
to 450V: -25
o
C to +105
o
C
Rated Working Voltage
10 to 450VDC
Capacitance Tolerance
±20% (M)
Leakage Current
(20
oC)
I
=0.02CV or 2mA, whichever is less
(at 20
O
C after
5 minutes)
I= Leakage current (
μA) C= Nominal capacitance (μF) V= Rated voltage (VDC)
Dissipation Factor
Tan
d (120Hz, 20
oC)
WV
10 to 25
35 to 50
63 to 100
160 to 250
315 to 450
47-2200 μF
-
0.2
0.15
0.1
0.2
2700-
6800
μF
0.30
0.25
0.2
-
-
8200μF
0.35
0.3
0.25
-
-
10000-33000μF
0.6
0.4
0.3
-
-
39000-47000μF
0.8
-
-
-
-
Low Temperature
Characteristics
Impedance ratio at 120 Hz
WV
10 to 16
25 to 100
160 to 250
315 to 450
Z -25
O
C/Z 20
O
C
4
3
3
8
Z -40
O
C/Z 20
O
C
12
6
6
-
Load Life
After applying rated working voltage for 2000 hours at 105
o
C and then being stabilized
at + 20
O
C, capacitors shall meet following limits.
Capacitance change
Within ±20% of the initial value
Dissipation Factor
≤ 200% of the initial specified value
Leakage current
≤ The initial specified value
Shelf Life
After storage for 1000 hours at 105
o
C with no voltage applied and then being stabilized
at +20
O
C, capacitors shall meet following limits.
Capacitance change
Within ±20% of the initial value
Dissipation Factor
≤ 150% of the initial specified value
Leakage current
≤ The initial specified value
PART NUMBERING SYSTEM
UH
16V
222
M
22X25
Meritek Series
Voltage
Capacitance
CODE
222
562
153
473
μF
2200
5600
15000
47000
Tolerance - M= ±20%
Case size (diameter X length, in mm)
RIPPLE CURRENT COEFFICIENT
Frequency
Freq (Hz)
WV (V)
50
120
500
1K
10K
100K
16 to 100
0.9
1.0
1.10
1.15
1.25
1.25
160 to 250
0.8
1.0
1.25
1.40
1.45
1.50
315 to 450
0.8
4
1.0
1.20
1
.20
1.20
1.32
Temperature
Temperature
45oC
60oC
70oC
85oC
Factor
2.40
2.20
1.65
1.0
DIMENSIONS
Specifications are subject to change without notice.
rev.7a


Similar Part No. - MUH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MUH1PB VISHAY-MUH1PB Datasheet
94Kb / 4P
Surface Mount Ultrafast Rectifiers
19-Apr-11
MUH1PB VISHAY-MUH1PB Datasheet
94Kb / 4P
Surface Mount Ultrafast Rectifiers
19-Apr-11
MUH1PB VISHAY-MUH1PB_V01 Datasheet
94Kb / 4P
Surface Mount Ultrafast Rectifiers
19-Apr-11
MUH1PC VISHAY-MUH1PC Datasheet
94Kb / 4P
Surface Mount Ultrafast Rectifiers
19-Apr-11
MUH1PD VISHAY-MUH1PD Datasheet
94Kb / 4P
Surface Mount Ultrafast Rectifiers
19-Apr-11
More results

Similar Description - MUH

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MHT MERITEK-MHT Datasheet
284Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MWC MERITEK-MWC Datasheet
292Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
USK RUBYCON-USK Datasheet
166Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXH RUBYCON-VXH_15 Datasheet
149Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXK RUBYCON-VXK Datasheet
167Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXR RUBYCON-VXR_15 Datasheet
241Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com