Electronic Components Datasheet Search
  English  ▼

X  

MUH Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MUH
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MUH Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MUH Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MUH Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MUH Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Case Size & Max Ripple Current
Ripple current (mA/
105oC, 120Hz)
WV
10
16
25
35
Dia.
Cap
(μF)
22
25
30
35
22
25
30
35
22
25
30
35
22
25
30
35
22x25
3300
1.40
22x30
25x25
3900
1.57
1.57
22x25
22x35
25x25
4700
1.50
1.80
1.76
22x30
25x25
22x40
25x30
30x25
5600
1.70
1.70
2.05
2.00
2.00
22x25
22x35
25x25
22x45
25x35
30x25
6800
1.57
2.05
2.05
2.24
2.20
2.20
22x30
25x25
22x40
25x30
30x25
22x50
25x40
30x30
8200
1.85
1.85
2.20
2.15
2.20
2.80
2.75
2.75
22x25
22x35
25x25
22x45
25x35
30x30
25x45
30x35
35x30
10000
1.55
1.95
1.95
2.55
2.60
2.60
2.91
2.87
2.87
22x30
25x25
22x35
25x30
30x25
22x50
25x40
30x30
25x50
30x40
35x30
12000
1.77
1.77
2.30
2.30
2.30
2.70
2.70
2.70
3.20
3.20
3.20
22x35
25x25
22x40
25x35
30x30
25x45
30x35
35x30
30x45
35x35
15000
1.96
1.90
2.65
2.65
2.65
2.95
2.95
2.95
3.65
3.65
22x35
25x30
30x25
22x45
25x40
30x30
25x50
30x40
35x35
30x50
35x40
18000
2.21
2.21
2.21
2.75
2.75
2.75
3.20
3.20
3.20
4.30
4.30
22x45
25x35
30x25
25x45
30x35
35x30
30x45
35x35
35x50
22000
2.35
2.40
2.35
2.82
2.82
2.82
3.64
3.64
4.95
25x40
30x30
25x50
30x40
35x30
35x45
27000
2.75
2.75
3.10
3.10
3.10
4.20
25x50
30x35
35x30
30x45
35x35
35x50
33000
2.90
2.90
2.90
3.80
3.80
4.75
30x40
35x30
30x50
35x40
39000
3.10
3.10
3.95
3.95
30x45
35x35
35x45
47000
3.50
3.50
4.10
WV
50
63
80
100
Dia.
Cap
(μF)
22
25
30
35
22
25
30
35
22
25
30
35
22
25
30
35
22x25
560
1.05
22x30
25x25
680
1.15
1.15
22x25
22x30
25x25
820
1.05
1.35
1.35
22x30
25x25
22x35
25x30
30x25
1000
1.15
1.15
1.50
1.50
1.50
22x
25
25x25
22x35
25x30
30x25
22x4
0
25x40
30x
25
1200
0.54
1.32
1.3
1.55
1.70
1.70
1.70
22x30
25x25
22x35
25x30
30x25
22x45
25x40
30x30
1500
1.20
1.20
1.55
1.55
1.55
2.05
2.05
2.05
22x25
22x30
25x25
22x40
25x30
30x25
25x45
30x35
35x30
1800
1.20
1.45
1.45
1.80
1.80
1.80
2.50
2.50
2.50
22x30
25x25
22x35
25x30
30x25
22x45
25x35
30x30
25x50
30x40
35x30
2200
1.35
1.35
1.65
1.65
1.65
2.03
2.03
2.03
2.70
2.70
2.70
22x30
25x25
22x40
25x35
30x25
25x45
30x35
35x30
30x45
35x35
2700
1.60
1.60
1.83
1.83
1.83
2.25
2.25
2.25
2.85
2.85
22x35
25x30
30x25
22x45
25x40
30x30
25x50
30x40
35x30
30x50
35x40
3300
1.85
1.85
1.85
2.07
2.10
2.10
2.40
2.40
3.00
3.00
22x40
25x35
30x25
25x45
30x35
35x30
30x45
35x
40
35x45
3900
1.95
1.95
1.95
2.50
2.50
2.50
2.70
2.70
3.20
22x45
25x40
30x30
25x50
30x40
35x30
30x50
35x40
35x50
4700
2.25
2.30
2.30
2.79
2.79
2.79
3.10
3.10
3.40
22x50
25x45
30x35
35x30
30x45
35x35
35x4
0
5600
2.65
2.65
2.65
2.65
3.15
3.15
3.50
25x50
30x40
35x30
30x50
35x40
35x50
6800
2.80
2.80
2.80
3.50
3.50
4.558
30x45
35x35
35x45
8200
3.50
3.50
3.90
30x50
35x40
35x50
10000
3.80
3.80
4.40
35x45
12000
4.05
MERITEK
Snap-In Aluminum
Electrolytic Capacitors
MUH Series
1.20
3.80
35x70
4.55
rev.7a



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com