Electronic Components Datasheet Search
  English  ▼

X  

AD7851AR Datasheet(PDF) 26 Page - Analog Devices

Part # AD7851AR
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851AR Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7851AR Datasheet HTML 22Page - Analog Devices AD7851AR Datasheet HTML 23Page - Analog Devices AD7851AR Datasheet HTML 24Page - Analog Devices AD7851AR Datasheet HTML 25Page - Analog Devices AD7851AR Datasheet HTML 26Page - Analog Devices AD7851AR Datasheet HTML 27Page - Analog Devices AD7851AR Datasheet HTML 28Page - Analog Devices AD7851AR Datasheet HTML 29Page - Analog Devices AD7851AR Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AD7851
–26–
REV. A
MODE 4 and 5 (Self-Clocking Modes)
The timing diagrams in Figure 38 and Figure 39 are for Inter-
face Modes 4 and 5. Interface Mode 4 has a noncontinuous
SCLK output and Interface Mode 5 has a continuous SCLK
output (SCLK is switched off internally during calibration for
both Modes 4 and 5). These modes of operation are especially
different to all the other modes since the SCLK and SYNC are
outputs. The SYNC is generated by the part as is the SCLK.
The master clock at the CLKIN pin is routed directly to the
SCLK pin for Interface Mode 5 (Continuous SCLK) and the
CLKIN signal is gated with the SYNC to give the SCLK
(noncontinuous) for Interface Mode 4.
The most important point about these two modes of operation
mode is that the result of the current conversion is clocked out during
the same conversion and a write to the part during this conversion
is for the next conversion. The arrangement is shown in Figure
37. Figure 38 and Figure 39 show more detailed timing for the
arrangement of Figure 37.
WRITE N+1
READ N
3.25µs
WRITE N+2
READ N+1
WRITE N+3
READ N+2
THE CONVERSION RESULT DUE TO
WRITE N+1 IS READ HERE
3.25µs
3.25µs
CONVERSION N
CONVERSION N+1
CONVERSION N+2
Figure 37.
In Figure 38 the first point to note is that the BUSY, SYNC,
and SCLK are all outputs from the AD7851 with the CONVST
being the only input signal. Conversion is initiated with the
CONVST
signal going low. This CONVST falling edge also
triggers the BUSY to go high. The CONVST signal rising edge
triggers the SYNC to go low after a short delay (2.5 tCLKIN to
3.5 tCLKIN typically) after which the SCLK will clock out the
data on the DOUT pin during conversion. The data on the DIN
pin is also clocked in to the AD7851 by the same SCLK for the
next conversion. The read/write operations must be complete
after sixteen clock cycles (which takes 3.25
µs approximately from
the rising edge of CONVST assuming a 6 MHz CLKIN). At this
time the conversion will be complete, the SYNC will go high,
and the BUSY will go low. The next falling edge of the
CONVST
must occur at least 330 ns after the falling edge of
BUSY to allow the track/hold amplifier adequate acquisition
time as shown in Figure 38. This gives a throughput time of
3.68
µs. The maximum throughput rate in this case is 272 kHz.
t
1
CONVST
(I/P)
SCLK
(O/P)
CONVERSION ENDS
3.25µs LATER
SERIAL READ
AND WRITE
OPERATIONS
OUTPUT SERIAL SHIFT
REGISTER IS RESET
READ OPERATION
SHOULD END 500ns
PRIOR TO NEXT RISING
400ns MIN
BUSY
(O/P)
SYNC
(O/P)
CONVERSION IS INITIATED
AND TRACK/HOLD GOES
INTO HOLD
EDGE OF
CONVST
t
1 = 100ns MIN
t
CONVERT = 3.25µs
Figure 38. Mode 4, 5 Timing Diagram (SM1 = 1, SM2 = 1
and 0)
In these interface modes the part is now the master and the
DSP is the slave. Figure 39 is an expansion of Figure 38. The
AD7851 will ensure SYNC goes low after the rising edge C of
the continuous SCLK (Interface Mode 5) in Figure 39. Only in
the case of a noncontinuous SCLK (Interface Mode 4) will
the time t4 apply. The first data bit is clocked out from the
falling edge of SYNC. The SCLK rising edge clocks out all
subsequent bits on the DOUT pin. The input data present on
the DIN pin is clocked in on the rising edge of the SCLK. The
POLARITY pin may be used to change the SCLK edge which
the data is sampled on and clocked out on. The SYNC will go
high after the 16th SCLK rising edge and before the rising edge
D of the continuous SCLK in Figure 39. This ensures the part
will not clock in an extra bit from the DIN pin or clock out an
DB12
DB0
DB10
DB11
DB13
DB14
DB15
DB0
DB10
DB12
DB13
DB14
DB15
DB11
3-STATE
3-STATE
POLARITY PIN
LOGIC HIGH
SYNC (O/P)
16
23
45
16
SCLK (O/P)
t
9
t
5
t
11A
t
4
t
10
t
12
DOUT (O/P)
t
8
DIN (I/P)
t
4 = 0.6 tSCLK (NONCONTINUOUS SCLK), t6 = 45ns MAX,
t
7 = 30ns MIN, t8 = 20ns MIN , t11A = 50ns MAX
t
6
t
7
t
8
D
C
Figure 39. Timing Diagram for Read/Write with SYNC Output and SCLK Output (Continuous and Noncontinuous)
(i.e., Operating Mode Numbers 4 and 5, SM1 = 1, SM2 = 1 and 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com