Electronic Components Datasheet Search
  English  ▼

X  

MUL Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MUL
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MUL Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MUL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MUL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
•
PCB Mounting
•
Long life and excellent stability
•
No derating at high temperature
•
For industrial and commercial application
•
Load life of 5,000 hours at 105oC
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
160V-250V: -40oC to +105oC
400V-450V: -25oC to +105oC
Rated Working Voltage
160 to 450VDC
Capacitance Tolerance
±20% (M)
Leakage Current
(20oC)
I≤0.02CV or 2mA, whichever is less (at 20OC after 5 minutes)
I= Leakage current (μA) C= Nominal capacitance (μF) V= Rated voltage (VDC)
Dissipation Factor
Tanδ (120Hz, 20oC)
160 to 250
400 to 450
Tanδ (120Hz,
20oC)
0.10
0.20
Low Temperature
Characteristics
Impedance ratio at 120 Hz
WV
160 to 250
400 to 450
Z -25OC/Z 20OC
3
8
Z -40OC/Z 20OC
6
-
Load Life
After applying rated working voltage for 5000 hours at 105oC and then being stabilized at +20OC, capacitors shall meet following limits.
Capacitance change
Within ±20% of the initial value
Tanδ
≤
±300% of the initial specified value
Leakage current
≤
The initial specified value
Shelf Life
After storage for 1000 hours at 105 oC with no voltage applied and then being stabilized at +20OC, capacitors shall meet following limits.
Capacitance change
Within ±20% of the initial value
Tanδ
≤
150% of the initial specified value
Leakage current
≤
The initial specified value
PART NUMBERING SYSTEM
MUL
160V
222
M
22X25
Meritek Series
Voltage
Capacitance
CODE
222
562
153
473
μ
F
2200
5600
15000
47000
Tolerance - M= ±20%
Case size (diameter X length, in mm)
Frequency
Freq (Hz)
WV (V)
50
120
1K
10K
100K
160 to 250
0.80
1.0
1.25
1.40
1.50
400 to 450
0.82
1.0
1.15
1.20
1.32
Temperature
Temperature
≤
45oC
60oC
85oC
105oC
Factor
2.40
2.20
1.65
1.00
DIMENSIONS
RIPPLE CURRENT COEFFICIENT
Snap-In Aluminum
Electrolytic Capacitors
MUL Series
rev.7a


Similar Part No. - MUL

ManufacturerPart #DatasheetDescription
logo
MMD Components
MUL MMD-MUL Datasheet
154Kb / 2P
MUL Series 5X3.2 Ceramic SMD Oscillator
logo
ABB
MUL1-R1 ABB-MUL1-R1 Datasheet
901Kb / 28P
ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
16.5.2016
MUL1-R3 ABB-MUL1-R3 Datasheet
901Kb / 28P
ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
16.5.2016
MUL1-R4 ABB-MUL1-R4 Datasheet
901Kb / 28P
ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
16.5.2016
logo
MMD Components
MUL3 MMD-MUL3 Datasheet
159Kb / 2P
Ceramic SMD Oscillator
More results

Similar Description - MUL

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MHT MERITEK-MHT Datasheet
284Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MWC MERITEK-MWC Datasheet
292Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
USK RUBYCON-USK Datasheet
166Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXH RUBYCON-VXH_15 Datasheet
149Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXK RUBYCON-VXK Datasheet
167Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXR RUBYCON-VXR_15 Datasheet
241Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com