Electronic Components Datasheet Search
  English  ▼

X  

MUL Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MUL
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MUL Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MUL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MUL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Snap-In Aluminum
Electrolytic Capacitors
MUL Series
Series
W.V(V)
160(2C)
180(2D)
200(2E)
Cap (μF)
φ
22
φ
25
φ
30
φ
35
φ
22
φ
25
φ
30
φ
35
φ
22
φ
25
φ
30
φ
35
120
22x25
0.75
150
25x25
22x30
25x25
0.80
0.80
0.80
180
22x25
22x30
25x25
22x30
25x25
0.80
0.90
0.90
0.90
0.90
220
22x30
25x25
22x35
25x25
30x25
22x35
25x30
30x25
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
270
22x35
25x30
30x25
22x40
25x30
30x25
22x40
25x35
30x25
1.10
1.05
1.10
1.15
1.10
1.10
1.15
1.15
1.10
330
22x40
25x30
30x25
22x45
25x35
30x30
22x50
25x40
30x30
1.20
1.15
1.20
1.25
1.20
1.20
1.30
1.25
1.25
390
22x45
25x35
30x30
22x50
25x40
30x30
25x45
30x35
35x25
1.33
1.30
1.30
1.35
1.30
1.30
1.40
1.40
1.40
470
22x50
25x40
30x30
25x45
30x35
35x30
25x50
30x40
35x30
1.47
1.45
1.47
1.52
1.50
1.50
1.62
1.60
1.60
560
25x45
30x35
35x30
25x50
30x40
35x30
30x45
35x35
1.60
1.60
1.60
1.73
1.70
1.70
1.80
1.80
680
25x50
30x40
35x30
30x45
35x35
30x50
35x40
1.80
1.80
1.78
1.95
1.95
2.10
2.10
820
30x45
35x35
30x50
35x40
35x45
2.15
2.15
2.20
2.20
2.40
1000
30x50
35x40
35x45
35x50
2.55
2.55
2.65
2.80
1200
35x45
35x50
35X60
2.90
2.95
3.15
W.V(V)
250(2V)
400(2G)
450(2W)
Cap (μF)
φ
22
φ
25
φ
30
φ
35
φ
22
φ
25
φ
30
φ
35
φ
22
φ
25
φ
30
φ
35
39
22x25
0.40
47
22x30
0.47
56
22x35
25x25
22x25
0.52
0.52
0.46
68
22x40
25x30
22x30
0.59
0.59
0.53
82
22x45
25x35
30x25
22x35
25x25
0.64
0.62
0.64
0.60
0.53
100
22x25
22x50
25x40
30x30
22x40
25x30
30x25
0.65
0.72
0.70
0.70
0.76
0.60
0.76
120
22x30
25x25
25x45
30x35
35x25
22x45
25x30
30x30
0.80
0.80
0.77
0.75
0.75
0.80
0.76
0.80
150
22x35
25x30
30x25
25x50
30x40
35x30
22x50
25x35
30x30
0.90
0.90
0.90
0.85
0.85
0.85
0.90
0.80
0.90
180
22x40
25x30
30x25
30x45
35x35
25x40
30x35
1.00
1.00
1.00
0.90
0.90
0.90
0.99
220
22x45
25x35
30x30
30x50
35x40
25x45
30x40
35x30
1.10
1.10
1.10
1.00
1.00
2.00
1.20
1.25
270
25x50
25x40
30x30
35x50
25x50
30x45
35x35
1.22
1.20
1.20
1.20
1.20
1.30
1.35
330
25x45
30x35
35x30
30x50
35x40
1.37
1.35
1.35
1.50
1.55
390
25x50
30x40
35x30
35x45
1.53
1.50
1.50
1.75
470
30x45
35x35
35x50
1.70
1.70
1.95
560
30x50
35x40
2.10
2.10
680
35x45
2.40
820
35x50
2.60
IR : Maxium permissible ripple current [A(rms) at 105oC,120Hz]
Case size [φ DxL (mm)]
rev.7a



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com