Electronic Components Datasheet Search
  English  ▼

X  

NPM Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # NPM
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

NPM Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  NPM Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION NPM Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
NPM Series
( Non Polarity,7mmL 85°C )
FEATURES
 Non polarity series with 7mm height
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
- 40 ~ +85
C
Rated Working Voltage
6.3 ~ 50VDC
Capacitance Tolerance
(120Hz 20
C)
 20%(M)
Leakage Current
(20
C)
I
 0.05CV or 10(uA)
*
Whichever is greater after 2 minutes
I : Leakage Current (
A)
C : Rated Capacitance(
F)
V : Working Voltage (V)
Surge Voltage
(20
C)
W.V.
6.3
10
16
25
35
50
S.V.
8
13
20
32
44
63
Dissipation Factor ( tan
 )
(120Hz 20
C)
W.V.
6.3
10
16
25
35
50
tan
0.24
0.20
0.17
0.15
0.12
0.12
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
6.3
10
16
25
35
50
-25
C / +20C
4
3
2
2
2
2
-40
C / +20C
10
8
6
4
3
3
Load Life
After 1000 hours application of W.V. and +85
C ripple current value , the capacitor shall meet
the following limits. ( DC + ripple peak voltage
 rated working voltage ) ( The polarity need to
exchange every 250 hours )
Capacitance Change
20% of initial value.
Dissipation Factor
 150% of initial specified value
Leakage Current
 initial specified value
Shelf Life
At +85
C no voltage application after 500 hours the capacitor shall meet the following limits.
( with voltage treatment )
Capacitance Change
20% of initial value.
Dissipation Factor
 200% of initial specified value
Leakage Current
 200% of initial specified value
PART NUMBER SYSTEM
DIMENSIONS (mm)
D
4
5
6.3
8
F
1.5
2.0
2.5
3.5
d
0.45
0.45
0.45
0.5
1.0
1.0
1.0
1.0
NPM 10V 101 M TA 8x7
Meritek Series
Rated Voltage
Rated Capacitance
Express in micro farad(uF), First two digits are
significant figures, Third digit denotes number of
zeros. ‘R’ denotes decimal point for values less
than 10uF
Tolerance
M -
20%
Package
Code
TA
TR
Blank
Tape & Ammo
Tape & Reel
Case size – (D) Diameter x (L) Length in mm (Optional)


Similar Part No. - NPM

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPM NIC-NPM Datasheet
1Mb / 8P
Surface Mount Power Inductor
logo
YAGEO Corporation
NPM YAGEO-NPM Datasheet
638Kb / 10P
molded Resistors
February 7, 2025 V.5
logo
Nordic Semiconductor
NPM1100 NORDIC-NPM1100 Datasheet
1Mb / 2P
Extremely compact Power Management IC (PMIC) with power path and charging
Version 1.1
NPM1100-CAAA-E-R NORDIC-NPM1100-CAAA-E-R Datasheet
1Mb / 2P
Extremely compact Power Management IC (PMIC) with power path and charging
Version 1.1
NPM1100-CAAA-E-R7 NORDIC-NPM1100-CAAA-E-R7 Datasheet
1Mb / 2P
Extremely compact Power Management IC (PMIC) with power path and charging
Version 1.1
More results

Similar Description - NPM

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com