Electronic Components Datasheet Search
  English  ▼

X  

NPM Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # NPM
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

NPM Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  NPM Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION NPM Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
NPM Series
( Non Polarity,7mmL 85°C )
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
6.3
10
16
25
35
50
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
0.1
4x7
3
0.22
4x7
4
0.33
4x7
5
0.47
4x7
6
1.0
4x7
9
2.2
4x7
14
5x7
16
3.3
4x7
15
5x7
19
5x7
19
4.7
4x7
17
5x7
20
5x7
23
6.3x7
26
10
4x7
23
5x7
28
6.3x7
34
6.3x7
38
8x7
44
22
5x7
35
5x7
38
6.3x7
47
6.3x7
50
8x7
65
8x7
65
33
5x7
43
6.3x7
55
6.3x7
60
8x7
70
8x7
80
47
6.3x7
60
6.3x7
65
6.3x7
70
8x7
85
100
8x7
100
8x7
110
8x7
120
All blank voltage on sleeve marking is the same voltage as “” point to.
Case size
: DxL
(mm)
Max. ripple current
: mA(rms)
85
C
120Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com