Electronic Components Datasheet Search
  English  ▼

X  

AD7858LAN Datasheet(PDF) 29 Page - Analog Devices

Part # AD7858LAN
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7858LAN Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7858LAN Datasheet HTML 24Page - Analog Devices AD7858LAN Datasheet HTML 25Page - Analog Devices AD7858LAN Datasheet HTML 26Page - Analog Devices AD7858LAN Datasheet HTML 27Page - Analog Devices AD7858LAN Datasheet HTML 28Page - Analog Devices AD7858LAN Datasheet HTML 29Page - Analog Devices AD7858LAN Datasheet HTML 30Page - Analog Devices AD7858LAN Datasheet HTML 31Page - Analog Devices AD7858LAN Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD7858/AD7858L
REV. B
–29–
A typical sequence of events would be to write to the control
register via the DIN line setting a conversion start and at the
same time reading data from the previous conversion on the
DOUT line (both the read and write operations would each be
two 8-bit operations, one 16-bit operation for the 68HC16),
wait for the conversion to be finished (= 4.6
µs for AD7858
with 4 MHz CLKIN), and then repeat the sequence. The maxi-
mum serial frequency will be determined by the data access and
hold times of the
µControllers and the AD7858/AD7858L.
AD7858/AD7858L to ADSP-21xx Interface
Figure 39 shows the AD7858/AD7858L interface to the ADSP-
21xx. The ADSP-21xx is the master and the AD7858/AD7858L
is the slave. The AD7858/AD7858L is in Interface Mode 2.
For the ADSP-21xx the bits in the serial port control register
should be set up as TFSR = RFSR = 1 (need a frame sync for
every transfer), SLEN = 15 (16-bit word length), TFSW =
RFSW = 1 (alternate framing mode for transmit and receive
operations), INVRFS = INVTFS = 1 (active low RFS and
TFS), IRFS = 0, ITFS = 1 (External RFS and internal TFS),
and ISCLK = 1 (internal serial clock). The CLKIN and
CONVST signals can be supplied from the ADSP-21xx or
from an external source. The serial clock from the ADSP-21xx
must be inverted before the SCLK pin of the AD7858/AD7858L.
This SCLK could also be used to drive the CLKIN input of the
AD7858/AD7858L. The BUSY signal indicates when the con-
version is finished and may not be required. The data access
and hold times of the ADSP-21xx and the AD7858/AD7858L
allow for a serial clock of 4 MHz/1.8 MHz at 5 V and 3.3 MHz/
1.8 MHz at 3 V supplies.
ADSP-21xx
CONVST
CLKIN
DOUT
DIN
SYNC
OPTIONAL
4MHz/1.8MHz
BUSY
IRQ
MASTER
SLAVE
TFS
DT
SCK
SCLK
RFS
DR
OPTIONAL
AD7858/AD7858L
Figure 39. ADSP-21xx Interface
AD7858/AD7858L to DSP56000/1/2/L002 Interface
Figure 40 shows the AD7858/AD7858L to DSP56000/1/2/
L002 interface. Here the DSP5600x is the master and the
AD7858 is the slave. The AD7858/AD7858L is in Interface
Mode 2. The DSP56L002 is used when the AD7858/AD7858L
is being operated at 3 V. The setting of the bits in the registers
of the DSP5600x would be for synchronous operation (SYN =
1), internal frame sync (SCD2 = 1), gated internal clock (GCK
= 1, SCKD = 1), 16-bit word length (WL1 = 1, WL0 = 0). Since
a gated clock is used here the SCLK cannot be tied to the CLKIN
of the AD7858/AD7858L. The SCLK from the DSP5600x
must be inverted before it is applied to the AD7858/AD7858L.
Again the data access and hold times of the DSP5600x and
the AD7858/AD7858L allows for a SCLK of 4 MHz/1.8 MHz.
DSP56000/1/2/L002
SRD
CONVST
CLKIN
SCLK
DIN
SYNC
OPTIONAL
BUSY
IRQ
MASTER
SLAVE
OPTIONAL
DOUT
SC2
STD
SCK
4MHz/1.8MHz
AD7858/AD7858L
Figure 40. DSP56000/1/2 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com