Electronic Components Datasheet Search
  English  ▼

X  

AD7858LAN Datasheet(PDF) 32 Page - Analog Devices

Part # AD7858LAN
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7858LAN Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7858LAN Datasheet HTML 24Page - Analog Devices AD7858LAN Datasheet HTML 25Page - Analog Devices AD7858LAN Datasheet HTML 26Page - Analog Devices AD7858LAN Datasheet HTML 27Page - Analog Devices AD7858LAN Datasheet HTML 28Page - Analog Devices AD7858LAN Datasheet HTML 29Page - Analog Devices AD7858LAN Datasheet HTML 30Page - Analog Devices AD7858LAN Datasheet HTML 31Page - Analog Devices AD7858LAN Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
REV. B
–32–
AD7858/AD7858L
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
24-Lead Plastic DIP (N-24)
24
112
13
0.260
0.001
(6.61
0.03)
PIN 1
1.228 (31.19)
1.226 (31.14)
SEATING
PLANE
0.02 (0.5)
0.016 (0.41)
0.07 (1.78)
0.05 (1.27)
0.32 (8.128)
0.30 (7.62)
0.011 (0.28)
0.009 (0.23)
0.130 (3.30)
0.128 (3.25)
0.11 (2.79)
0.09 (2.28)
15
0
NOTES
1. LEAD NO. 1 IDENTIFIED BY A DOT OR NOTCH.
2. PLASTIC LEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS.
24-Lead Small Outline Package (R-24)
24
13
12
1
0.608 (15.45)
0.596 (15.13)
PIN 1
SEATING
PLANE
0.01 (0.254)
0.006 (0.15)
0.019 (0.49)
0.014 (0.35)
0.096 (2.44)
0.089 (2.26)
0.05
(1.27)
BSC
0.013 (0.32)
0.009 (0.23)
0.042 (1.067)
0.018 (0.447)
6
0
0.03 (0.76)
0.02 (0.51)
NOTES
1. LEAD NO. 1 IDENTIFIED BY A DOT.
2. SOIC LEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS.
24-Lead Shrink Small Outline Package (RS-24)
24
1
13
12
0.328 (8.33)
0.318 (8.08)
PIN 1
SEATING
PLANE
0.008 (0.203)
0.002 (0.050)
0.07 (1.78)
0.066 (1.67)
0.0256
(0.65)
BSC
0.015 (0.38)
0.010 (0.25)
0.009 (0.229)
0.005 (0.127)
0.037 (0.94)
0.022 (0.559)
8
0
NOTES
1. LEAD NO. 1 IDENTIFIED BY A DOT.
2. LEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com