Electronic Components Datasheet Search
  English  ▼

X  

AD7854LARS Datasheet(PDF) 5 Page - Analog Devices

Part # AD7854LARS
Description  3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7854LARS Datasheet(HTML) 5 Page - Analog Devices

  AD7854LARS Datasheet HTML 1Page - Analog Devices AD7854LARS Datasheet HTML 2Page - Analog Devices AD7854LARS Datasheet HTML 3Page - Analog Devices AD7854LARS Datasheet HTML 4Page - Analog Devices AD7854LARS Datasheet HTML 5Page - Analog Devices AD7854LARS Datasheet HTML 6Page - Analog Devices AD7854LARS Datasheet HTML 7Page - Analog Devices AD7854LARS Datasheet HTML 8Page - Analog Devices AD7854LARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7854/AD7854L
REV. B
–5–
ORDERING GUIDE
Linearity
Power
Temperature
Error
Dissipation
Package
Model
Range
1
(LSB)
(mW)
Option
2
AD7854AQ
–40
°C to +85°C
1
15
Q-28
AD7854SQ
–55
°C to +125°C
1
15
Q-28
AD7854AR
–40
°C to +85°C
1
15
R-28
AD7854BR
–40
°C to +85°C
1/2
15
R-28
AD7854ARS
–40
°C to +85°C
1
15
RS-28
AD7854LAQ
3
–40
°C to +85°C
1
5.5
Q-28
AD7854LAR
3
–40
°C to +85°C
1
5.5
R-28
AD7854LARS
3
–40
°C to +85°C
1
5.5
RS-28
EVAL-AD7854CB
4
EVAL-CONTROL BOARD
5
NOTES
1Linearity error refers to the integral linearity error.
2Q = Cerdip; R = SOIC; RS = SSOP.
3L signifies the low power version.
4This can be used as a stand-alone evaluation board or in conjunction with the EVAL-CONTROL BOARD for
evaluation/demonstration purposes.
5This board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards
ending in the CB designator. For more information on Analog Devices products and evaluation boards visit our
World Wide Web home page at http://www.analog.com.
TO
OUTPUT
PIN
+2.1V
IOH
1.6mA
200µA
IOL
CL
50pF
Figure 1. Load Circuit for Digital Output Timing
Specifications
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25
°C unless otherwise noted)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Analog Input Voltage to AGND . . . . –0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND . . . . –0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND . . . –0.3 V to DVDD + 0.3 V
REFIN/REFOUT to AGND . . . . . . . . . –0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supplies
2 . . . . . . . . .
±10 mA
Operating Temperature Range
Commercial (A, B Versions) . . . . . . . . . . . –40
°C to +85°C
Commercial (S Version) . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Cerdip Package, Power Dissipation . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . 75
°C/W
Lead Temperature, (Soldering, 10 secs) . . . . . . . . . +300
°C
SOIC, SSOP Package, Power Dissipation . . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . 75
°C/W (SOIC) 115°C/W (SSOP)
θJC Thermal Impedance . . . 25°C/W (SOIC) 35°C/W (SSOP)
Lead Temperature, Soldering
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latchup.
PIN CONFIGURATION
FOR DIP, SOIC AND SSOP
14
13
12
11
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
17
16
15
20
19
18
28
27
26
25
24
23
22
21
AD7854
CONVST
DB10
DB11
CLKIN
BUSY
WR
RD
CS
DVDD
DGND
DB9
REFIN/REFOUT
AVDD
AGND
CREF1
CREF2
AIN(+)
DB6
DB7
DB8
AIN(–)
HBEN
DB0
DB1
DB5
DB2
DB3
DB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com