Electronic Components Datasheet Search
  English  ▼

X  

AD7869 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7869
Description  LC2MOS Complete, 14-Bit Analog I/O System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7869 Datasheet(HTML) 5 Page - Analog Devices

  AD7869 Datasheet HTML 1Page - Analog Devices AD7869 Datasheet HTML 2Page - Analog Devices AD7869 Datasheet HTML 3Page - Analog Devices AD7869 Datasheet HTML 4Page - Analog Devices AD7869 Datasheet HTML 5Page - Analog Devices AD7869 Datasheet HTML 6Page - Analog Devices AD7869 Datasheet HTML 7Page - Analog Devices AD7869 Datasheet HTML 8Page - Analog Devices AD7869 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7869
–5–
REV. A
AD7869 PIN FUNCTION DESCRIPTION
DIP Pin
Number
Mnemonic
Function
POWER SUPPLY
7 & 23
VDD
Positive Power Supply, 5 V
± 5%. Both V
DD pins must be tied together.
10 & 22
VSS
Negative Power Supply, –5 V
± 5%. Both V
SS pins must be tied together.
8 & 19
AGND
Analog Ground. Both AGND pins must be tied together.
6 & 17
DGND
Digital Ground. Both DGND pins must be tied together.
ANALOG SIGNAL AND REFERENCE
21
VIN
ADC Analog Input. The ADC input range is
±3 V.
9VOUT
Analog Output Voltage from DAC. This output comes from a buffer amplifier. The range is bipolar,
±3 V
with RI DAC = +3 V.
20
RO ADC
Voltage Reference Output. The internal ADC 3 V reference is provided at this pin. This output may be used as a
reference for the DAC by connecting it to the RI DAC input. The external load capability of this reference is 500
µA.
11
RO DAC
DAC Voltage Reference Output. This is one of two internal voltage references. To operate the DAC with this
internal reference, RO DAC should be connected to RI DAC. The external load capability of the reference is 500
µA.
12
RI DAC
DAC Voltage Reference Input. The voltage reference for the DAC must be applied to this pin. It is internally
buffered before being applied to the DAC. The nominal reference voltage for correct operation of the AD7869 is 3 V.
ADC INTERFACE AND CONTROL
2
CLK
Clock Input. An external TTL-compatible clock may be applied to this input. Alternatively, tying this pin to VSS
enables the internal laser-trimmed oscillator.
3
RFS
Receive Frame Synchronization, Logic Output. This is an active low open-drain output that provides a framing
pulse for serial data. An external 4.7 k
Ω pull-up resistor is required on RFS.
4
RCLK
Receive Clock, Logic Output. RCLK is the gated serial clock output that is derived from the internal or external
ADC clock. If the CONTROL input is at VSS, the clock runs continuously. With the CONTROL input at DGND,
the RCLK output is gated off (three-state) after serial transmission is complete. RCLK is an open-drain output and
requires an external 2 k
Ω pull-up resistor.
5
DR
Receive Data, Logic Output. This is an open-drain data output used in conjunction with
RFS and RCLK to transmit
data from the ADC. Serial data is valid on the falling edge of RCLK when
RFS is low. An external 4.7 k
Ω resistor is
required on the DR output.
1
CONVST
Convert Start, Logic Input. A low to high transition on this input puts the track-and-hold amplifier into the hold
mode and starts an ADC conversion. This input is asynchronous to the CLK input.
24
CONTROL
Control, Logic Input. With this pin at 0 V, the RCLK is noncontinuous. With this pin at –5 V, the RCLK is contin-
uous. Note, tying this pin to VDD places the part in a factory test mode where normal operation is not exhibited.
DAC INTERFACE AND CONTROL
14
TFS
Transmit Frame Synchronization, Logic Input. This is a frame or synchronization signal for the DAC with serial
data expected after the falling edge of this signal.
15
DT
Transmit Data, Logic Input. This is the data input that is used in conjunction with
TFS and TCLK to transfer
serial data to the input latch.
16
TCLK
Transmit Clock, Logic Input. Serial data bits are latched on the falling edge of TCLK when
TFS is low.
13
LDAC
Load DAC, Logic Input. A new word is transferred into the DAC latch from the input latch on the falling edge
of this signal.
18
NC
No Connect.
SOIC
0.01 (0.254)
0.006 (0.15)
0.019 (0.49)
0.014 (0.35)
0.096 (2.44)
0.089 (2.26)
0.05
(1.27)
BSC
0.013 (0.32)
0.009 (0.23)
0.042 (1.067)
0.018 (0.457)
6
°
0
°
0.03 (0.76)
0.02 (0.51)
x 45
°
0.708 (18.02)
0.696 (17.67)
0.414 (10.52)
0.398 (10.10)
0.299 (7.6)
0.291 (7.39)
28
15
14
1
1. LEAD NO. 1 INDENTIFIED BY A DOT.
2. SOIC LEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS.
DIP
V
DD
V
SS
RO ADC
DGND
TCLK
DT
RI DAC
AGND
CONTROL
CLK
RCLK
DR
DGND
AGND
RO DAC
NC
NC = NO CONNECT
1
2
3
4
5
6
7
8
9
10
11
24
23
22
21
20
19
18
17
16
15
14
12
13
AD7869
TOP VIEW
(Not to Scale)
CONVST
RFS
V
OUT
V
IN
TFS
LDAC
V
DD
V
SS
PIN CONFIGURATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com