Electronic Components Datasheet Search
  English  ▼

X  

AD7869 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7869
Description  LC2MOS Complete, 14-Bit Analog I/O System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7869 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7869 Datasheet HTML 8Page - Analog Devices AD7869 Datasheet HTML 9Page - Analog Devices AD7869 Datasheet HTML 10Page - Analog Devices AD7869 Datasheet HTML 11Page - Analog Devices AD7869 Datasheet HTML 12Page - Analog Devices AD7869 Datasheet HTML 13Page - Analog Devices AD7869 Datasheet HTML 14Page - Analog Devices AD7869 Datasheet HTML 15Page - Analog Devices AD7869 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD7869
–14–
REV. A
C21
330 pF Capacitor
C22
68 pF Capacitor
R1, R2, R4
2 k
Ω Resistor
R3, R5
4.7 k
Ω Resistor
R6
15 k
Ω Resistor
R7
200
Ω Resistor
LK1, LK2, LK3,
LK4, LK5, LK6,
LK7, LK8, LK9
Shorting Plugs
SKT1, SKT2, SKT3,
SKT4, SKT5
BNC Sockets
SKT6
9-Contact D-Type Connector
Figure 21. Silkscreen for the Circuit Diagram of Figure 19
COMPONENT LIST
IC1
AD7869
IC2, IC3
2X AD711
IC4,
ADG201HS
IC5,
MC78L05
IC6,
MC79L05
IC7,
74HC4050
IC8,
74HC221
C1, C3, C5, C7
C9, C11, C13, C15
10
µF Capacitor
C17, C19, C23
C2, C4, C6, C8
C10, C12, C14, C16
0.1
µF Capacitor
C18, C20, C24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com