Electronic Components Datasheet Search
  English  ▼

X  

RFB Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # RFB
Description  Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RFB Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  RFB Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RFB Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION RFB Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
RFB Series
(High R.C., Long Life)
FEATURES
 Low impedance and long life withstanding 10000 hours load life.
 Suitable for electronic ballast, adaptor and switching power.
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
- 40 ~ +105
C
Rated Working Voltage
6.3 ~ 100VDC
Capacitance Tolerance
(120Hz 20
C)
 20%(M)
Leakage Current
(20
C)
I
 0.01CV or 3(uA)
*
Whichever is greater after 3 minutes
I : Leakage Current (
A)
C : Rated Capacitance(
F)
V : Working Voltage (V)
Surge Voltage
(20
C)
W.V.
6.3
10
16
25
35
50
63
100
S.V.
8
13
20
32
44
63
79
125
Dissipation Factor ( tan
 )
(120Hz 20
C)
Add 0.02 per 1000uF for more than 1000uF
W.V.
6.3
10
16
25
35
50
63
100
tan
0.22
0.19
0.16
0.14
0.12
0.10
0.09
0.08
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
6.3
10
16
25~100
-25
C / +20C
4
3
2
2
-40
C / +20C
8
6
4
3
Load Life
After application of W.V. and +105
C ripple current value, the capacitor shall meet the following
limits. ( DC + ripple peak voltage
 rated working voltage )
Rated Voltage (V)
6.3~10
16~100
Life Time
D≤6.3mm 4000hrs, D8~10mm 6000hrs,
D≥12.5mm 8000hrs
D≤6.3mm 5000hrs, D8~10mm 7000hrs,
D≥12.5mm 10000hrs
Capacitance Change
25% of initial value.
Dissipation Factor
 200% of initial specified value
Leakage Current
 initial specified value
Shelf Life
At +105
C no voltage application after 1000 hours, the capacitor shall meet the limits for load life
characteristics. ( with voltage treatment )
PART NUMBER SYSTEM
DIMENSIONS (mm)
D
5
6.3
8
10
12.5
16
18
F
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
a
1.5
1.5
1.5
1.5
1.5
1.5
1.5
RFB 63V 101 M TA 10x16
Meritek Series
Rated Voltage
Rated Capacitance
Express in micro farad(uF), First two digits are
significant figures, Third digit denotes number of
zeros. ‘R’ denotes decimal point for values less
than 10uF
Tolerance
M -
20%
Package
Code
TA
TR
Blank
Tape & Ammo Tape & Reel
Case size – (D) Diameter x (L) Length in mm (Optional)


Similar Part No. - RFB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RFB MACOM-RFB Datasheet
82Kb / 1P
HIGH PERFORMANCE RELAYS
logo
Recom International Pow...
RFB RECOM-RFB Datasheet
381Kb / 4P
1 Watt SIP7 Single Output
RFB-0505S RECOM-RFB-0505S Datasheet
381Kb / 4P
1 Watt SIP7 Single Output
logo
Coilcraft lnc.
RFB0807 COILCRAFT-RFB0807 Datasheet
236Kb / 4P
Low cost, high current power inductors 2.2 關H to 18 mH inductance range
RFB0807-100L COILCRAFT-RFB0807-100L Datasheet
675Kb / 7P
Power Inductors
More results

Similar Description - RFB

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com