Electronic Components Datasheet Search
  English  ▼

X  

RFB Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # RFB
Description  Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RFB Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  RFB Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RFB Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION RFB Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
RFB Series
(High R.C., Long Life)
RIPPLE CURRENT COEFFICIENTS
Frequency(Hz) 120
1k
10k
≥100k
Coefficient
0.47~10uF
0.42
0.60
0.80
1.00
22~33uF
0.55
0.75
0.90
1.00
47~330uF
0.70
0.85
0.95
1.00
470~1000uF
0.75
0.90
0.98
1.00
2200~15000uF 0.80
0.95
1.00
1.00
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
6.3
10
16
Item
DxL
IMP
R.C.
DxL
IMP
R.C.
DxL
IMP
R.C.
20°C
-10°C
20°C
-10°C
20°C
-10°C
47
5x11
0.568
1.703
150
100
5x11
0.595
1.784
200
5x11
0.482
1.446
210
6.3x11
0.367
1.101
250
220
6.3x11
0.307
0.922
340
6.3x11
0.249
0.747
350
8x11.5
0.190
0.569
430
330
6.3x11
0.246
0.737
410
8x11.5
0.169
0.507
500
8x11.5
0.152
0.455
520
470
8x11.5
0.178
0.534
540
8x11.5
0.138
0.415
560
10x12.5
0.093
0.279
690
1000
10x12.5
0.066
0.199
920
10x16
0.063
0.189
1070
10x20
0.060
0.180
1230
2200
12.5x20
0.038
0.113
1660
12.5x20
0.036
0.108
1720
12.5x25
0.034
0.103
1960
3300
12.5x20
0.032
0.095
1910
12.5x25
0.030
0.090
2170
16x25
0.029
0.086
2570
4700
16x25
0.027
0.080
2660
16x25
0.025
0.076
2730
16x31.5
0.024
0.073
3100
6800
16x25
0.024
0.071
2920
16x31.5
0.023
0.068
3300
18x35.5
0.022
0.065
3800
10000
16x31.5
0.021
0.064
3450
18x35.5
0.020
0.061
3940
15000
18x35.5
0.020
0.061
4130
Cap.
(uF)
V
25
35
50
Item
DxL
IMP
R.C.
DxL
IMP
R.C.
DxL
IMP
R.C.
20°C
-10°C
20°C
-10°C
20°C
-10°C
0.47
5x11
5.658
16.973
25
1.0
5x11
3.989
11.966
36
2.2
5x11
2.417
7.252
55
3.3
5x11
2.014
6.043
65
4.7
5x11
1.697
5.092
80
10
5x11
1.330
3.989
110
22
5x11
0.725
2.176
140
33
5x11
0.672
2.015
150
5x11
0.635
1.905
160
6.3x11
0.564
1.692
200
47
5x11
0.539
1.616
170
6.3x11
0.510
1.529
210
6.3x11
0.453
1.358
230
100
6.3x11
0.348
1.045
280
8x11.5
0.329
0.988
370
8x14
0.292
0.877
420
220
8x11.5
0.180
0.540
480
10x12.5
0.128
0.383
640
10x16
0.113
0.340
760
330
10x12.5
0.108
0.324
700
10x16
0.102
0.306
870
10x20
0.091
0.272
1020
470
10x16
0.088
0.265
860
10x20
0.084
0.251
1070
12.5x20
0.074
0.223
1290
1000
12.5x20
0.057
0.171
1580
12.5x25
0.054
0.162
1940
16x25
0.048
0.144
2390
2200
16x25
0.032
0.097
2540
16x31.5
0.031
0.092
3070
18x35.5
0.027
0.082
3650
3300
16x31.5
0.027
0.081
3180
18x35.5
0.026
0.077
3870
4700
18x35.5
0.023
0.069
3880
Temperature(
C)
≤65
85
105
Multiplier
2.12
1.69
1.00
Case size
: DxL
(mm)
Max. impedance
: Ω
100kHz
Max. ripple current
: mA(rms)
105
C 100kHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com