Electronic Components Datasheet Search
  English  ▼

X  

AD7898 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7898
Description  5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7898 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7898 Datasheet HTML 8Page - Analog Devices AD7898 Datasheet HTML 9Page - Analog Devices AD7898 Datasheet HTML 10Page - Analog Devices AD7898 Datasheet HTML 11Page - Analog Devices AD7898 Datasheet HTML 12Page - Analog Devices AD7898 Datasheet HTML 13Page - Analog Devices AD7898 Datasheet HTML 14Page - Analog Devices AD7898 Datasheet HTML 15Page - Analog Devices AD7898 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD7898
–12–
REV. 0
CS
SCLK
1
56
15
SDATA
FOUR LEADING ZEROS
THREE-STATE
t4
2
34
16
t5
t3
tQUIET
tCONVERT
t2
THREE-STATE
DB11
DB10
DB9
DB0
t6
t7
t8
14
ZERO
ZERO
ZERO
Z
Figure 8. Serial Interface Timing Diagram Mode 1
Mode 1 Operation
The timing diagram in Figure 8 shows the AD7898 operating in
Mode 1. The serial clock provides the conversion clock and also
controls the transfer of information from the AD7898 during
conversion.
CS initiates the data transfer and conversion process. The fall-
ing edge of
CS puts the track-and-hold into hold mode, takes
the bus out of three-state and the analog input is sampled at
this point. The conversion is also initiated at this point and will
require 16 SCLK cycles to complete. On the 14th SCLK falling
edge the track-and-hold will go back into track. On the 16th
SCLK falling edge the SDATA line will go back into three-
state. If the rising edge of
CS occurs before 16 SCLKs have
elapsed then the conversion will be terminated and the SDATA
line will go back into three-state, otherwise SDATA returns to
three-state on the 16th SCLK falling edge as shown in Figure 8.
Sixteen serial clock cycles are required to perform the conver-
sion process and to access data from the AD7898.
CS going
low provides the first leading zero to be read in by the micro-
controller or DSP. The remaining data is then clocked out by
subsequent SCLK falling edges beginning with the second lead-
ing zero, thus the first falling clock edge on the serial clock has
the first leading zero provided and also clocks out the second
leading zero. The final bit in the data transfer is valid on the
16th falling edge, having being clocked out on the previous (15th)
falling edge. It is also possible to read in data on each SCLK
rising edge, although the first leading zero will still have to be
read on the first SCLK falling edge after the
CS falling edge.
Therefore the first rising edge of SCLK after the
CS falling edge
would provide the second leading zero and the 15th rising SCLK
edge would have DB0 provided if the application requires data
to be read on each rising edge.
Mode Selection
Upon power-up, the default mode of operation of the AD7898
is Mode 0. The part will continue to operate in Mode 0 as out-
lined in the Mode 0 Operation section, provided an SCLK edge
is not applied to the AD7898 during the conversion time and
when
CONVST is low. If an SCLK edge is applied to the
AD7898 during tCONVERT and when CONVST is low while in
Mode 0, the part will switch to operate in Mode 1 as shown in
Figure 9. The serial interface will now operate as described in
the Mode 1 operation section. The AD7898 will return to
Mode 0 operation from Mode 1 if
CS is brought low and then
subsequently high without any SCLK edges provided while
CS
is low (see Figure 10). If any SCLK edges are applied to the
device while
CS is low when in Mode 1, the part will remain in
Mode 1 and may or may not enter a power-down mode as
determined by the number of SCLKs applied, see Power-Down
Mode section.
If the part is operating in Mode 0 and a glitch occurs on the
SCLK line while
CONVST is low, the part will enter Mode 1
and the conversion that was initiated by
CONVST going low
will be terminated. The part will now be operating in Mode 1,
but Mode 0 signals will still be applied from the processor.
When
CS goes low and no SCLK is applied, the part will revert
back to Mode 0 operation. This avoids accidental changing of
modes due to glitches on the SCLK line.
CONVST
SCLK
CONVERSION
TERMINATES,
AD7898 ENTERS
MODE 1
CONVERSION IS
INITIATED IN
MODE 0
t1
tCONVERT = 3.3 s
Figure 9. Entering Mode 1 from Mode 0
CS
SCLK
AD7898 ENTERS
MODE 0
t1
Figure 10. Entering Mode 0 from Mode 1
Power-Down Mode
The power-down mode is only accessible when in Mode 1
operation. This mode is intended for use in applications where
slower throughput rates are required; either the ADC is pow-
ered down between each conversion, or a series of conversions
may be performed at a high throughput rate and the ADC is
powered down for a relatively long duration between these
bursts of several conversions. When the AD7898 is in power-
down, all analog circuitry is powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com