Electronic Components Datasheet Search
  English  ▼

X  

AD7898 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7898
Description  5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7898 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7898 Datasheet HTML 8Page - Analog Devices AD7898 Datasheet HTML 9Page - Analog Devices AD7898 Datasheet HTML 10Page - Analog Devices AD7898 Datasheet HTML 11Page - Analog Devices AD7898 Datasheet HTML 12Page - Analog Devices AD7898 Datasheet HTML 13Page - Analog Devices AD7898 Datasheet HTML 14Page - Analog Devices AD7898 Datasheet HTML 15Page - Analog Devices AD7898 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD7898
–14–
REV. 0
To chip-select the AD7898 in systems where more than one
device is connected to the 8x51/L51’s serial port, a port bit
configured as an output, from one of the 8x51/L51’s parallel
ports can be used to gate on or off the serial clock to the AD7898.
A simple AND function on this port bit and the serial clock from
the 8x51/L51 will provide this function. The port bit should be
high to select the AD7898 and low when it is not selected.
The AD7898 outputs the MSB first during a read operation,
while the 8xL51 expects the LSB first. Therefore, the data which
is read into the serial buffer needs to be rearranged before the
correct data format from the AD7898 appears in the accumulator.
The serial clock rate from the 8x51/L51 is limited to signifi-
cantly less than the allowable input serial clock frequency with
which the AD7898 can operate. As a result, the time to read
data from the part will actually be longer than the conversion
time of the part. This means that the AD7898 cannot run at its
maximum throughput rate when used with the 8x51/L51.
68HC11/L11 to AD7898 Interface
An interface circuit between the AD7898 and the 68HC11/L11
microcontroller is shown in Figure 14. For the interface shown,
the 68L11 SPI port is used, and the 68L11 is configured in its
single-chip mode. The 68L11 is configured in the master mode
with its CPOL bit set to a logic zero and its CPHA bit set to a
logic one. As with the previous interface, the diagram shows the
simplest form of the interface where the AD7898 is the only part
connected to the serial port of the 68L11 and, therefore, no
decoding of the serial read operations is required.
AD7898
SDATA
MISO
SCLK
SCK
68HC11/L11
Figure 14. 68HC11/L11 to AD7898 Interface
Once again, to chip-select the AD7898 in systems where more
than one device is connected to the 68HC11’s serial port, a port
bit configured as an output from one of the 68HC11’s parallel
ports can be used to gate on or off the serial clock to the AD7898.
A simple AND function on this port bit and the serial clock
from the 68L11 will provide this function. The port bit should
be high to select the AD7898 and low when it is not selected.
The serial clock rate from the 68HC11/L11 is limited to signifi-
cantly less than the allowable input serial clock frequency with
which the AD7898 can operate. As a result, the time to read
data from the part will actually be longer than the conversion
time of the part. This means that the AD7898 cannot run at its
maximum throughput rate when used with the 68HC11/L11.
ADSP-2103/ADSP-2105 to AD7898 Interface
An interface circuit between the AD7898 and the ADSP-2103/
ADSP-2105 DSP processor is shown in Figure 15. In the inter-
face shown, the RFS1 output from the ADSP-2103/ADSP-2105’s
SPORT1 serial port is used to gate the serial clock (SCLK1) of
the ADSP-2103/ADSP-2105 before it is applied to the SCLK
input of the AD7898. The RFS1 output is configured for active
high operation. The interface ensures a noncontinuous clock for
the AD7898’s serial clock input with only 16 serial clock pulses
provided and the serial clock line of the AD7898 remaining low
between data transfers. A read operation should be timed to
occur 3.3
µs after CONVST goes low. The SDATA line from
the AD7898 is connected to the DR1 line of the ADSP-2103/
ADSP-2105’s serial port.
AD7898
SCLK
SCLK1
RFS1
ADSP-2103/
ADSP-2105
SDATA
DR1
Figure 15. ADSP-2103/ADSP-2105 to AD7898 Interface
The timing relationship between the SCLK1 and RFS1 outputs
of the ADSP-2103/ADSP-2105 are such that the delay between
the rising edge of the SCLK1 and the rising edge of an active
high RFS1 is up to 30 ns. There is also a requirement that data
must be set up 10 ns prior to the falling edge of the SCLK1 to
be read correctly by the ADSP-2103/ADSP-2105. The data
access time for the AD7898 is t4 (5 V) from the rising edge of its
SCLK input. Assuming a 10 ns propagation delay through the
external AND gate, the high time of the SCLK1 output of the
ADSP-2105 must be
≥ (30 + 60 +10 +10) ns, i.e., ≥ 110 ns.
This means that the serial clock frequency with which the inter-
face of Figure 15 can work is limited to 4.5 MHz. However,
there is an alternative method that allows for the ADSP-2105
SCLK1 to run at 5 MHz (the max serial clock frequency of the
SCLK1 output). The arrangement occurs when the first leading
zero of the data stream from the AD7898 cannot be guaranteed
to be clocked into the ADSP-2105 due to the combined delay of
the RFS signal and the data access time of the AD7898. In most
cases, this is acceptable because there will still be three leading
zeros followed by the 12 data bits.
Another alternative scheme is to configure the ADSP-2103/
ADSP-2105 so that it accepts an external noncontinuous serial
clock. In this case, an external noncontinuous serial clock is
provided that drives the serial clock inputs of both the ADSP-
2103/ADSP-2105 and the AD7898. In this scheme, the serial
clock frequency is limited to 15 MHz by the AD7898.
DSP56002/L002 to AD7898 Interface
Figure 16 shows an interface circuit between the AD7898 and
the DSP56002/L002 DSP processor. The DSP56002/L002 is
configured for normal mode asynchronous operation with gated
clock. It is also set up for a 16-bit word with SCK as gated clock
output. In this mode, the DSP56002/L002 provides sixteen
serial clock pulses to the AD7898 in a serial read operation.
Because the DSP56002/L002 assumes valid data on the first
falling edge of SCK, the interface is simply 2-wire as shown in
Figure 16.
AD7898
SCLK
SCK
DSP56002/L002
SDATA
SDR
Figure 16. DSP56002/L002 to AD7898 Interface
MICROPROCESSOR INTERFACING FOR MODE 1
The serial interface on the AD7898 for Mode 1 allows the parts
to be directly connected to a range of many different micropro-
cessors. This section explains how to interface the AD7898 with
some of the more common microcontroller and DSP serial
interface protocols for Mode 1 operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com