| Electronic Components Datasheet Search |
|
AD7891AP-2 Datasheet(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7891AP-2 Datasheet(HTML) 16 Page - Analog Devices |
|
16 / 20 page ![]() AD7891 –16– REV. A PARALLEL INTERFACING The parallel port on the AD7891 allows the device to be inter- faced to microprocessors or DSP processors as a memory mapped or I/O mapped device. The CS and RD inputs are common to all memory peripheral interfacing. Typical interfaces to different processors are shown in Figures 12 to 15. In all the interfaces shown, an external timer controls the CONVST input of the AD7891 and the EOC output interrupts the host DSP. AD7891 to ADSP-21xx Figure 12 shows the AD7891 interfaced to the ADSP-21xx series of DSPs as a memory mapped device. A single wait state may be necessary to interface the AD7891 to the ADSP-21xx depending on the clock speed of the DSP. This wait state can be programmed via the Data Memory Waitstate Control Register of the ADSP-21xx (please see ADSP-2100 family Users manual for details). The following instruction reads data from the AD7891: MR = DM(ADC) where ADC is the address of the AD7891. DATA BUS ADDRESS BUS DB11–DB0 AD7891* *ADDITIONAL PINS OMITTED FOR CLARITY CS WR IRQ2 D23–D8 EOC RD WR RD ADDR DECODE EN DMS ADSP-21xx* A13–A0 Figure 12. AD7891 to ADSP-21xx Parallel Interface AD7891 to TMS32020, TMS320C25 and TMS320C5x Parallel interfaces between the AD7891 and the TMS32020, TMS320C25 and TMS320C5x family of DSPs are shown in Figure 13. The memory mapped address chosen for the AD7891 should be chosen to fall in the I/O memory space of the DSPs. TMS320C25 ONLY DATA BUS ADDRESS BUS DB11–DB0 AD7891* *ADDITIONAL PINS OMITTED FOR CLARITY CS WR INTx D23–D0 EOC RD MSC ADDR DECODE EN IS A15–A0 TMS32020/ TMS320C25/ TMS320C50* READY R/ W STRB Figure 13. AD7891 to TMS32020/C25/C5x Parallel Interface The parallel interface on the AD7891 is fast enough to interface to the TMS32020 with no extra wait states. If high speed glue logic such as 74AS devices are used to drive the WR and RD lines when interfacing to the TMS320C25, then again no wait states are necessary. However, if slower logic is used, data ac- cesses may be slowed sufficiently when reading from and writing to the part to require the insertion of one wait state. In such a case, this wait state can be generated using the single OR gate to combine the CS and MSC signals to drive the READY line of the TMS320C25, as shown in Figure 13. Extra wait states will be necessary when using the TMS320C5x at their fastest clock speeds. Wait states can be programmed via the IOWSR and CWSR registers (please see TMS320C5x User Guide for details). Data is read from the ADC using the following instruction: IN D,ADC where D is the memory location where the data is to be stored and ADC is the I/O address of the AD7891. AD7891 to TMS320C30 Figure 14 shows a parallel interface between the AD7891 and the TMS320C3x family of DSPs. The AD7891 is interfaced to the Expansion Bus of the TMS320C3x. A single wait state is required in this interface. This can be programmed using the WTCNT bits of the Expansion Bus Control register (see TMS320C3x Users guide for details). Data from the AD7891 can be read using the following instruction: LDI *ARn,Rx where ARn is an auxiliary register containing the lower 16 bits of the address of the AD7891 in the TMS320C3x memory space and Rx is the register into which the ADC data is loaded. EXPANSION DATA BUS ADDRESS BUS DB11–DB0 AD7891* *ADDITIONAL PINS OMITTED FOR CLARITY CS WR INTx XD23–XD0 EOC RD ADDR DECODE XA15–XA0 XR/ W IOSTRB TMS320C30* Figure 14. AD7891 to TMS320C30 Parallel Interface |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |