Electronic Components Datasheet Search
  English  ▼

X  

AD7937 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7937
Description  LC2MOS 84 Loading Dual 12-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7937 Datasheet(HTML) 7 Page - Analog Devices

  AD7937 Datasheet HTML 1Page - Analog Devices AD7937 Datasheet HTML 2Page - Analog Devices AD7937 Datasheet HTML 3Page - Analog Devices AD7937 Datasheet HTML 4Page - Analog Devices AD7937 Datasheet HTML 5Page - Analog Devices AD7937 Datasheet HTML 6Page - Analog Devices AD7937 Datasheet HTML 7Page - Analog Devices AD7937 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD7937
–7–
REV. 0
APPLICATION HINTS
Output Offset: CMOS D/A converters in circuits such as Fig-
ures 4 and 5 exhibit a code-dependent output resistance which
in turn can cause a code-dependent error voltage at the output
of the amplifier. The maximum amplitude of this error, which
adds to the D/A converter nonlinearity, depends on VOS, where
VOS is the amplifier input offset voltage. To maintain specified
operation, it is recommended that VOS be no greater than
(25
10
–6) (V
REF) over the temperature range of operation.
Suitable op amps are the AD711C and its dual version, the
AD712C. These op amps have a wide bandwidth and high slew
rate and are recommended for wide bandwidth ac applications.
AD711/AD712 settling time to 0.01% is typically 3
µs.
Temperature Coefficients: The gain temperature coefficient
of the AD7937 has a maximum value of 5 ppm/
°C and typical
value of 1 ppm/
°C. This corresponds to worst case gain shifts of
2 LSBs and 0.4 LSBs respectively over a 100
°C temperature range.
When trim resistors R1 (R3) and R2 (R4) are used to adjust full
scale range as in Figure 4, the temperature coefficient of R1 (R3)
and R2 (R4) should also be taken into account.
High Frequency Considerations: AD7937 output capacitance
works in conjunction with the amplifier feedback resistance to
add a pole to the open-loop response. This can cause ringing or
oscillation. Stability can be restored by adding a phase compen-
sation capacitor in parallel with the feedback resistor. This is
shown as C1 and C2 in Figures 4 and 5.
Feedthrough: The dynamic performance of the AD7937 depends
upon the gain and phase stability of the output amplifier, together
with the optimum choice of PC board layout and decoupling
components.
MICROPROCESSOR INTERFACING
The byte loading structure of the AD7937 makes it very easy to
interface the device to any 8-bit microprocessor system. Figure
8 shows an example 8-bit interface between the AD7937 and a
generic 8-bit microcontroller/DSP processor. Pins D7 to D0 of
the processor are connected to pins D7 to D0 of the AD7937.
When writing to the DACs, the lower 8 bits must be written
first, followed by the upper four bits. The upper four bits should
be output on data lines D0 to D3.
*ADDITIONAL PINS OMITTED FOR CLARITY
ADDRESS
DECODE
AD7937*
D7
D0
CS
UPD
WR
D7
D0
R/
W
DATA
BUS
CONTROLLER/
DSP PROCESSOR
CLR
FROM
SYSTEM
RESET
A0
A0
A1
A1
UPPER BITS
OF ADDRESS
BUS
*
Figure 8. AD7937 8-Bit Interface



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com