Electronic Components Datasheet Search
  English  ▼

X  

AD797AR Datasheet(PDF) 13 Page - Analog Devices

Part # AD797AR
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797AR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD797AR Datasheet HTML 8Page - Analog Devices AD797AR Datasheet HTML 9Page - Analog Devices AD797AR Datasheet HTML 10Page - Analog Devices AD797AR Datasheet HTML 11Page - Analog Devices AD797AR Datasheet HTML 12Page - Analog Devices AD797AR Datasheet HTML 13Page - Analog Devices AD797AR Datasheet HTML 14Page - Analog Devices AD797AR Datasheet HTML 15Page - Analog Devices AD797AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD797
REV. C
–13–
Differential Line Receiver
The differential receiver circuit of Figure 43 is useful for many
applications from audio to MRI imaging. It allows extraction of
a low level signal in the presence of common-mode noise. As
shown in Figure 44, the AD797 provides this function with only
9 nV/
√Hz noise at the output. Figure 45 shows the AD797’s
20-bit THD performance over the audio band and 16-bit accu-
racy to 250 kHz.
20pF
USE POWER SUPPLY
BYPASSING SHOWN IN
FIGURE 32.
**
AD797
1k
Ω
+VS
**
**
–VS
1k
Ω
2
3
6
7
4
8
1k
Ω
DIFFERENTIAL
INPUT
20pF
OUTPUT
50pF*
*OPTIONAL
1k
Ω
Figure 43. Differential Line Receiver
16
6
10M
12
8
100
10
10
14
1M
100k
10k
1k
FREQUENCY — Hz
Figure 44. Output Voltage Noise Spectral Density for
Differential Line Receiver
A General Purpose ATE/Instrumentation Input/Output
Driver
The ultralow noise and distortion of the AD797 may be com-
bined with the wide bandwidth, slew rate, and load drive of a
current feedback amplifier to yield a very wide dynamic range
general purpose driver. The circuit of Figure 46 combines the
AD797 with the AD811 in just such an application. Using the
–90
–130
300k
–120
300
100
–110
–100
100k
30k
10k
3k
1k
0.003
0.0003
0.001
FREQUENCY – Hz
WITH
OPTIONAL
50CN
MEASUREMENT
LIMIT
WITHOUT
OPTIONAL
50pF CN
0.0001
Figure 45. Total Harmonic Distortion (THD) vs. Frequency
for Differential Line Receiver
component values shown, this circuit is capable of better than
–90 dB THD with a
±5 V, 500 kHz output signal. The circuit is
therefore suitable for driving high resolution A/D converters and
as an output driver in automatic test equipment (ATE) systems.
Using a 100 kHz sine wave, the circuit will drive a 600
Ω load to
a level of 7 V rms with less than –109 dB THD, and a 10 k
Ω
load at less than –117 dB THD.
1k
Ω
USE POWER SUPPLY
BYPASSING SHOWN IN
FIGURE 32.
**
INPUT
22pF
OUTPUT
–VS
2k
Ω
649
Ω
649
Ω
R2
–VS
AD797
**
2
7
3
4
6
**
+VS
AD811
**
2
7
3
4
6
**
+VS
2
Figure 46. A General Purpose ATE/lnstrumentation Input/
Output Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com