Electronic Components Datasheet Search
  English  ▼

X  

AD797AR Datasheet(PDF) 14 Page - Analog Devices

Part # AD797AR
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797AR Datasheet(HTML) 14 Page - Analog Devices

Back Button AD797AR Datasheet HTML 8Page - Analog Devices AD797AR Datasheet HTML 9Page - Analog Devices AD797AR Datasheet HTML 10Page - Analog Devices AD797AR Datasheet HTML 11Page - Analog Devices AD797AR Datasheet HTML 12Page - Analog Devices AD797AR Datasheet HTML 13Page - Analog Devices AD797AR Datasheet HTML 14Page - Analog Devices AD797AR Datasheet HTML 15Page - Analog Devices AD797AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD797
REV. C
–14–
100M
1k
100
100
0
60
20
40
80
10M
1M
100k
10k
FREQUENCY – Hz
–80
–30
–50
–70
–60
–40
NOISE
VOUT
Figure 49. Total Integrated Voltage Noise & VOUT of
Amorphous Detector Preamp
Professional Audio Signal Processing—DAC Buffers
The low noise and low distortion of the AD797 make it an ideal
choice for professional audio signal processing. An ideal I-to-V
converter for a current output DAC would simply be a resistor
to ground, were it not for the fact that most DACs do not oper-
ate linearly with voltage on their output. Standard practice is to
operate an op amp as an I-to-V converter creating a virtual
ground at its inverting input. Normally, clock energy and cur-
rent steps must be absorbed by the op amp’s output stage.
However, in the configuration of Figure 50, Capacitor CF
shunts high frequency energy to ground, while correctly repro-
ducing the desired output with extremely low THD and IMD.
C1
2000pF
CF
82pF
3k
Ω
AD797
**
2
7
3
4
6
**
–VS
+VS
** USE POWER SUPPLY BYPASSING SHOWN IN FIGURE 32.
100
Ω
AD1862
DAC
Figure 50. A Professional Audio DAC Buffer
Figure 51. Offset Null Configuration
Ultrasound/Sonar Imaging Preamp
The AD600 variable gain amplifier provides the time controlled
gain (TCG) function necessary for very wide dynamic range so-
nar and low frequency ultrasound applications. Under some cir-
cumstances, it is necessary to buffer the input of the AD600 to
preserve its low noise performance. To optimize dynamic range
this buffer should have at most 6 dB of gain. The combination
of low noise and low gain is difficult to achieve. The input
buffer circuit shown in Figure 47 provides 1 nV/
√Hz noise per-
formance at a gain of two (dc to 1 MHz) by using 26.1
Ω resistors
in its feedback path. Distortion is only –50 dBc @ 1 MHz at a
2 volt p-p output level and drops rapidly to better than
–70 dBc at an output level of 200 mV p-p.
26.1Ω
INPUT
7
4
3
2
AD797
**
**
AD600
**
**
6
26.1Ω
V
OUT
VS = ±6Vdc
+VS
–VS
* USE POWER SUPPLY
** BYPASSING SHOWN IN FIGURE 32.
Ω
Ω
Figure 47. An Ultrasound Preamplifier Circuit
Amorphous (Photodiode) Detector
Large area photodiodes CS
≥ 500 pF and certain image detec-
tors (amorphous Si), have optimum performance when used in
conjunction with amplifiers with very low voltage rather than
very low current noise. Figure 48 shows the AD797 used with
an amorphous Si (CS = 1000 pF) detector. The response is ad-
justed for flatness using capacitor CL, while the noise is domi-
nated by voltage noise amplified by the ac noise gain. The 797’s
excellent input noise performance gives 27
µV rms total noise in
a 1 MHz bandwidth, as shown by Figure 49.
50pF
CS
IS
1000pF
10k
Ω
AD797
**
2
7
3
4
6
**
–VS
+VS
** USE POWER SUPPLY BYPASSING SHOWN IN FIGURE 32.
CL
100
Ω
Figure 48. Amorphous Detector Preamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com