Electronic Components Datasheet Search
  English  ▼

X  

AD8011 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8011
Description  300 MHz, 1 mA Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8011 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8011 Datasheet HTML 3Page - Analog Devices AD8011 Datasheet HTML 4Page - Analog Devices AD8011 Datasheet HTML 5Page - Analog Devices AD8011 Datasheet HTML 6Page - Analog Devices AD8011 Datasheet HTML 7Page - Analog Devices AD8011 Datasheet HTML 8Page - Analog Devices AD8011 Datasheet HTML 9Page - Analog Devices AD8011 Datasheet HTML 10Page - Analog Devices AD8011 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8011
REV. B
–7–
0
–3
–6
–9
–12
–18
–21
–24
1
10
40
100
500
FREQUENCY – MHz
–15
+3
–27
1V rms
Figure 19. Large Signal Frequency Response;
VS = +5 V, G = +2
t = 0
Figure 20. Short-Term Settling Time; VS = +5 V or
±5 V
t = 0
Figure 21. Long-Term Settling Time; VS = +5 V or
±5 V
+6
+3
0
–3
–6
–12
–15
–18
1
10
40
100
500
FREQUENCY – MHz
–9
+9
–21
1V rms
Figure 16. Large Signal Frequency Response;
VS =
±5 V, G = +2
+4
+3
+2
+1
0
–2
–3
–4
1
10
100
500
FREQUENCY – MHz
–1
+5
–5
G = +10
RF = 500
G = +2
RF = 1k
G = +1
RF = 1k
VS = +5V OR 5V
VOUT = 200mV p-p
Figure 17. Frequency Response; G = +1, +2, +10;
VS = +5 V or
±5 V
+1
0
–2
–3
–4
1
10
100
500
FREQUENCY – MHz
–1
+2
–5
–6
–7
–8
G = –10
RF = 500
RL = 1k
VS = +5V OR 5V
VOUT = 200mV p-p
G = –1
RF = 1k
RL = 1k
Figure 18. Frequency Response; G = –1, –10;
VS = +5 V or
±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com