Electronic Components Datasheet Search
  English  ▼

X  

AD8011 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8011
Description  300 MHz, 1 mA Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8011 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8011 Datasheet HTML 8Page - Analog Devices AD8011 Datasheet HTML 9Page - Analog Devices AD8011 Datasheet HTML 10Page - Analog Devices AD8011 Datasheet HTML 11Page - Analog Devices AD8011 Datasheet HTML 12Page - Analog Devices AD8011 Datasheet HTML 13Page - Analog Devices AD8011 Datasheet HTML 14Page - Analog Devices AD8011 Datasheet HTML 15Page - Analog Devices AD8011 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8011
REV. B
–13–
INCREASING BW AT HIGH GAINS
As presented above, for a fixed RF (feedback gain setting resis-
tor) the AD8011 CLBW will decrease as RN is reduced (in-
creased G). This effect can be minimized by simply reducing RF
and thus partially restoring the devices optimized BW for gains
greater than +2/–1. Note that the AD8011 is ac optimized (high
BW and low peaking) for AV =+2/–1 and RF equal to 1 k
Ω.
Using this optimized G as a reference and the VO(s) equations
above, the following relationships results:
RF = 1k + 2 – G/2 gm for G = 1+ RF/RN
(noninverting) or:
RF = 1k + G + 1/2 gm for G = –RF/RN
(inverting)
Using 1/2 gm equal to 120
Ω results in a RF of 500 Ω for
G = 5/–4 and a corresponding RN of 125
Ω. This will extend the
AD8011’s BW to near its optimum design value of typically 180
MHz at RL = 1 k
Ω. In general, for gains greater than +7/–6, RF
should not be reduced to values much below 400
Ω else ac
peaking can result. Using this RF value as the a lower limit, will
result in BW restoration near its optimized value to the upper G
values specified. Gains greater than about +7/–6 will result
in CLBW reduction. Again, the derivations above are just
approximations.
DRIVING A SINGLE-SUPPLY A/D CONVERTER
New CMOS A/D converters are placing greater demands on the
amplifiers that drive them. Higher resolutions, faster conversion
rates and input switching irregularities require superior settling
characteristics. In addition, these devices run off a single +5 V
supply and consume little power, so good single-supply operation
with low power consumption are very important. The AD8011
is well positioned for driving this new class of A/D converters.
Figure 36 shows a circuit that uses an AD8011 to drive an
AD876, a single supply, 10-bit, 20 MSPS A/D converter that
requires only 140 mW. Using the AD8011 for level shifting and
driving, the A/D exhibits no degradation in performance com-
pared to when it is driven from a signal generator.
The analog input of the AD876 spans 2 V centered at about
2.6 V. The resistor network and bias voltages provide the level
shifting and gain required to convert the 0 V to 1 V input signal
to a 3.6 V to 1.6 V range that the AD876 wants to see.
Biasing the noninverting input of the AD8011 at 1.6 V dc forces
the inverting input to be at 1.6 V dc for linear operation of the
amplifier. When the input is at 0 V, there is 3.2 mA flowing out
of the summing junction via R1 (1.6 V/499
Ω). R3 has a current
of 1.2 mA flowing into the summing junction (3.6 V–1.6 V)/
1.65 k
Ω. The difference of these two currents (2 mA) must flow
through R2. This current flows toward the summing junction
and requires that the output be 2 V higher than the summing
junction or at 3.6 V.
When the input is at 1 V, there is 1.2 mA flowing into the sum-
ming junction through R3 and 1.2 mA flowing out through R1.
These currents balance and leave no current to flow through
R2. Thus the output is at the same potential as the inverting
input or 1.6 V.
The input of the AD876 has a series MOSFET switch that turns
on and off at the sampling rate. This MOSFET is connected to
a hold capacitor internal to the device. The on impedance of the
MOSFET is about 50
Ω, while the hold capacitor is about 5 pF.
In a worst case condition, the input voltage to the AD876 will
change by a full-scale value (2 V) in one sampling cycle. When
the input MOSFET turns on, the output of the op amp will be
connected to the charged hold capacitor through the series
resistance of the MOSFET. Without any other series resistance,
the instantaneous current that flows would be 40 mA. This
would cause settling problems for the op amp.
The series 100
Ω resistor limits the current that flows instanta-
neously after the MOSFET turns on to about 13 mA. This
resistor cannot be made too large or the high frequency perfor-
mance will be affected.
The sampling MOSFET of the AD876 is closed for only half of
each cycle or for 25 ns. Approximately 7 time constants are
required for settling to 10 bits. The series 100
Ω resistor along
with the 50
Ω on resistance and the hold capacitor, create a
750 ps time constant. These values leave a comfortable margin
for settling. Obtaining the same results with the op amp A/D
combination as compared to driving with a signal generator
indicates that the op amp is settling fast enough.
Overall the AD8011 provides adequate buffering for the AD876
A/D converter without introducing distortion greater than that
of the A/D converter by itself.
3.6V
1.6V
AD8011
+5V
10 F
R2
1k
R3
1.65k
R1
499k
3.6V
VIN
50
0.1 F
1.6V
1V
0V
100
AD876
+1.6V
+3.6V
REFT
REFB
0.1 F
0.1 F
Figure 36. AD8011 Driving the AD876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com