Electronic Components Datasheet Search
  English  ▼

X  

AD8017 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8017
Description  Dual High Output Current, High Speed Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8017 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8017 Datasheet HTML 6Page - Analog Devices AD8017 Datasheet HTML 7Page - Analog Devices AD8017 Datasheet HTML 8Page - Analog Devices AD8017 Datasheet HTML 9Page - Analog Devices AD8017 Datasheet HTML 10Page - Analog Devices AD8017 Datasheet HTML 11Page - Analog Devices AD8017 Datasheet HTML 12Page - Analog Devices AD8017 Datasheet HTML 13Page - Analog Devices AD8017 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8017
–10–
REV. A
TIME – ns
G = +2
VOUT = 2VSTEP
RL - 100
VS = 6V
+2mV
(+0.1%)
–2mV
(+0.1%)
0
10
2030 4050 60
70 8090
0
Figure 34. Settling Time; VS =
±6.0 V
FREQUENCY – MHz
0.1
1000
1
10
100
–50
–20
–30
–40
–60
–70
–80
VOUT = 2V p-p
G = +2
RL = 100
–90
–100
Figure 35. Output Crosstalk vs. Frequency
FREQUENCY – MHz
0.1
100
110
100
0.1
10
1
1000
1000
10000
100000
ZIN
ZOUT
1000000
Figure 36. Input and Output Impedance vs. Frequency
–2
–1
0
1
2
3
4
5
6
–10
10
30
50
70
90
110
130
150
–6
–5
–4
–3
2
–10
10
30
50
70
90
110
130
150
–3
–3
0
1
VOUT
VIN
VOUT
VIN
TIME – ns
Figure 37. Overload Recovery; VS =
±6 V, G = +2,
RL = 100
Ω, VIN = 5 V p-p, T = 1 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com