Electronic Components Datasheet Search
  English  ▼

X  

AD8042 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8042
Description  Dual 160 MHz Rail-to-Rail Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8042 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8042 Datasheet HTML 4Page - Analog Devices AD8042 Datasheet HTML 5Page - Analog Devices AD8042 Datasheet HTML 6Page - Analog Devices AD8042 Datasheet HTML 7Page - Analog Devices AD8042 Datasheet HTML 8Page - Analog Devices AD8042 Datasheet HTML 9Page - Analog Devices AD8042 Datasheet HTML 10Page - Analog Devices AD8042 Datasheet HTML 11Page - Analog Devices AD8042 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. C
–8–
AD8042
10
8
6
4
2
0
–2
–4
–6
–8
–10
110
100
500
FREQUENCY (MHz)
T = +85 C
T = –40 C
T = +25 C
VS = 5V
G = +1
CL = 5pF
RL = 2k
TO 2.5V
TPC 13. Closed-Loop Frequency Response
vs. Temperature
G = +1
CL = 5pF
RL = 2k
12
10
8
6
4
2
0
–4
–6
–8
–2
110
100
500
FREQUENCY (MHz)
VS = 3V
RL AND CL TO 1.5V
VS = 5V
RL AND CL TO 2.5V
VS = 5V
TPC 14. Closed-Loop Frequency Response vs. Supply
100
10
1
0.1
0.01
0.01
0.1
100
500
FREQUENCY (MHz)
110
VS = 5V
G = +1
RBT
VOUT
RBT = 50
RBT = 0
TPC 15. Output Resistance vs. Frequency
0.5
2
BIPOLAR INPUT STEP (V)
1
1.5
35
60
50
40
30
20
25
G = –1
RL = 2k TO MIDPOINT
CL = 5pF
VS = 3V, 0.1%
45
55
VS = 3V, 1%
VS = +5V, 0.1%
VS = 5V, 0.1%
VS = +5V, 1%
VS = 5V, 1%
TPC 16. Settling Time
–10
–40
–60
–80
0
–20
–30
–50
–70
–90
1M
10M
100M
100k
10k
FREQUENCY (Hz)
Vs = 5V
INCM
OUT
1.02k
TEST CIRCUIT:
1.02k
1.02k
1.02k
500M
TPC 17. CMRR vs. Frequency
050
LOAD CURRENT (mA)
535
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0
VS = +5V
+5V – VOH (+125 C)
10
15
20
25
30
40
45
+5V – VOH (+25 C)
+5V – VOH (–55 C)
+VOL (+25 C)
+VOL (–55 C)
+VOL (+125 C)
TPC 18. Output Saturation Voltage vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com