Electronic Components Datasheet Search
  English  ▼

X  

AD8042 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8042
Description  Dual 160 MHz Rail-to-Rail Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8042 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8042 Datasheet HTML 8Page - Analog Devices AD8042 Datasheet HTML 9Page - Analog Devices AD8042 Datasheet HTML 10Page - Analog Devices AD8042 Datasheet HTML 11Page - Analog Devices AD8042 Datasheet HTML 12Page - Analog Devices AD8042 Datasheet HTML 13Page - Analog Devices AD8042 Datasheet HTML 14Page - Analog Devices AD8042 Datasheet HTML 15Page - Analog Devices AD8042 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. C
–14–
AD8042
HDSL Line Driver
HDSL or high-bit-rate digital subscriber line is becoming popu-
lar as a means to provide data communication at DS1 rates
(1.544 MBPS) over moderate distances via conventional tele-
phone twisted pair wires. In these systems, the transceiver at the
customer’s end is sometimes powered via the twisted pair from
a power source at the central office. It is sometimes required to
raise the dc voltage of the power source to compensate for IR
drops in long lines or lines with narrow gauge wires.
Because of this, it is highly desirable to keep the power consump-
tion of the customer’s transceiver as low as possible. One means
to realize significant power savings is to run the transceiver from
a
±5V supply instead of the more conventional ±12 V.
The high output swing and current drive capability of the
AD8042 make it ideally suited to this application. Figure 12
shows a circuit for the analog portion of an HDSL transceiver
using the AD8042 as the line driver.
2k
3k
232
VIN
0.001 F
VOUT
6
5
7
14
10
5
ATT
2718AF
93DJ39
34
2k
2k
249
2k
2k
2k
0.001 F
2
3
1
VREC
1/2
AD8042
2k
3k
2
3
1
1/2
AD8042
912
0.0027 F
27
96
1/4
AD8044
Figure 12. HDSL Line Driver
LAYOUT CONSIDERATIONS
The specified high speed performance of the AD8042 requires
careful attention to board layout and component selection.
Proper RF design techniques and low-pass parasitic component
selection are necessary.
The PCB should have a ground plane covering all unused
portions of the component side of the board to provide a low
impedance path. The ground plane should be removed from the
area near the input pins to reduce the stray capacitance.
Chip capacitors should be used for the supply bypassing. One
end should be connected to the ground plane and the other
within 1/8 inch of each power pin. An additional large
(0.47
mF–10 mF) tantalum electrolytic capacitor should be
connected in parallel, but not necessarily so close, to supply
current for fast, large signal changes at the output.
The feedback resistor should be located close to the inverting
input pin in order to keep the stray capacitance at this node to a
minimum. Capacitance variations of less than 1 pF at the
inverting input will significantly affect high speed performance.
Stripline design techniques should be used for long signal traces
(greater than about one inch). These should be designed with a
characteristic impedance of 50
W or 75 W and be properly termi-
nated at each end.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com