Electronic Components Datasheet Search
  English  ▼

X  

AD8074 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8074
Description  500 MHz, G = -1 and 2 Triple Video Buffers with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8074 Datasheet(HTML) 1 Page - Analog Devices

  AD8074 Datasheet HTML 1Page - Analog Devices AD8074 Datasheet HTML 2Page - Analog Devices AD8074 Datasheet HTML 3Page - Analog Devices AD8074 Datasheet HTML 4Page - Analog Devices AD8074 Datasheet HTML 5Page - Analog Devices AD8074 Datasheet HTML 6Page - Analog Devices AD8074 Datasheet HTML 7Page - Analog Devices AD8074 Datasheet HTML 8Page - Analog Devices AD8074 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD8074/AD8075
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
500 MHz, G = +1 and +2 Triple
Video Buffers with Disable
FUNCTIONAL BLOCK DIAGRAM
OE
DGND
IN2
AGND
IN1
AGND
IN0
VEE
VCC
VCC
OUT2
VEE
OUT1
VCC
OUT0
VEE
AD8074 /AD8075
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
G =
+1/+2
G =
+1/+2
G =
+1/+2
FEATURES
Dual Supply
5 V
High-Speed Fully Buffered Inputs and Outputs
600 MHz Bandwidth (–3 dB) 200 mV p-p
500 MHz Bandwidth (–3 dB) 2 V p-p
1600 V/ s Slew Rate, G = +1
1350 V/ s Slew Rate, G = +2
Fast Settling Time: 4 ns
Low Supply Current: < 30 mA
Excellent Video Specifications (RL = 150
):
Gain Flatness of 0.1 dB to 50 MHz
0.01% Differential Gain Error
0.01 Differential Phase Error
“All Hostile“ Crosstalk
–80 dB @ 10 MHz
–50 dB @ 100 MHz
High “OFF” Isolation of 90 dB @ 10 MHz
Low Cost
Fast Output Disable Feature
APPLICATIONS
RGB Buffer in LCD and Plasma Displays
RGB Driver
Video Routers
PRODUCT DESCRIPTION
The AD8074/AD8075 are high-speed triple video buffers with
G = +1 and +2 respectively. They have a –3 dB full signal band-
width in excess of 450 MHz, along with slew rates in excess of
1400 V/
µs. With better than –80 dB of all hostile crosstalk and
90 dB isolation, they are useful in many high-speed applica-
tions. The differential gain and differential phase error are 0.01%
and 0.01
°. Gain flatness of 0.1 dB up to 50 MHz makes the
AD8074/AD8075 ideal for RGB buffering or driving. They
consume less than 30 mA on a
± 5 V supply.
Both devices offer a high-speed disable feature that allows the
outputs to be put into a high impedance state. This allows the
building of larger input arrays while minimizing “OFF” chan-
nel output loading. The AD8074/AD8075 are offered in a
16-lead TSSOP package.
Table I. Truth Table
OE
OUT0, 1, 2
0
IN0, IN1, IN2
1
High Z


Similar Part No. - AD8074

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8074 AD-AD8074 Datasheet
755Kb / 15P
500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD8074 AD-AD8074 Datasheet
754Kb / 15P
500 MHz, G = 1 and 2 Triple Video Buffers with Disable
Rev. B
AD8074ARU AD-AD8074ARU Datasheet
755Kb / 15P
500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD8074ARU AD-AD8074ARU Datasheet
754Kb / 15P
500 MHz, G = 1 and 2 Triple Video Buffers with Disable
Rev. B
AD8074ARUZ AD-AD8074ARUZ Datasheet
755Kb / 15P
500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
More results

Similar Description - AD8074

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4393C ELANTEC-EL4393C Datasheet
270Kb / 12P
Triple 80 MHz Video Amplifier w/Disable
logo
Intersil Corporation
EL4393 INTERSIL-EL4393 Datasheet
393Kb / 9P
Triple 80MHz Video Amplifier w/Disable
January 1996
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Analog Devices
AD8075ARUZ AD-AD8075ARUZ Datasheet
755Kb / 15P
500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
logo
Texas Instruments
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Analog Devices
AD8074Z-EVAL AD-AD8074Z-EVAL Datasheet
755Kb / 15P
500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Analog Devices
AD8074 AD-AD8074_15 Datasheet
755Kb / 15P
Video Buffers with Disable
Rev. B
AD8075 AD-AD8075_15 Datasheet
755Kb / 15P
Video Buffers with Disable
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com