Electronic Components Datasheet Search
  English  ▼

X  

AD8074 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8074
Description  500 MHz, G = -1 and 2 Triple Video Buffers with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8074 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8074 Datasheet HTML 7Page - Analog Devices AD8074 Datasheet HTML 8Page - Analog Devices AD8074 Datasheet HTML 9Page - Analog Devices AD8074 Datasheet HTML 10Page - Analog Devices AD8074 Datasheet HTML 11Page - Analog Devices AD8074 Datasheet HTML 12Page - Analog Devices AD8074 Datasheet HTML 13Page - Analog Devices AD8074 Datasheet HTML 14Page - Analog Devices AD8074 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. A
AD8074/AD8075
–11–
Triple Video Multiplexer
The AD8074 and AD8075 each have an output-enable function
that can be used to disable the outputs and put them in a high-
impedance state. Usually, for a unity-gain device, it is relatively
easy to provide high disabled impedance, because the feedback
path is from the output to a high-impedance input. However, for a
non-unity-gain part, the feedback provides a resistive path to
ground. This will usually dominate the disabled output imped-
ance, and make it a much lower value than the unity-gain device.
The AD8075 has an internal buffer that provides a low-impedance,
ground level output that terminates the feedback path during
enabled operation. In the disabled state, both this buffer output
and the amplifier output are disabled to a high impedance to
provide a high-impedance disabled state.
To construct a multiplexer, the outputs from one or more devices
are connected in parallel and only one device is enabled at a
time while all of the others are disabled. The two sets of inputs
are applied individually to each of the separate device inputs.
Figure 4 shows the circuit details for this function. The first RGB
Source 1 is input to the first AD8075. Each of the individual
signals is terminated to ground with 75
Ω to provide proper
termination for the input cables. In a similar fashion, the Source
2 signals are input to the second AD8075.
0.1 F
–5V
0.1 F
–5V
0.1 F
–5V
+
25 F
0.1 F
+5V
0.1 F
+5V
0.1 F
+5V
+
25 F
AD8075
75
75
75
OE
75
75
75
R
G
B
SOURCE 2
0.1 F
–5V
0.1 F
–5V
0.1 F
–5V
+
25 F
0.1 F
+5V
0.1 F
+5V
0.1 F
+5V
+
25 F
AD8075
75
75
75
OE
75
75
75
R
G
B
SOURCE 1
SEL1/
SEL2
R
G
B
OUTPUT
Figure 4. Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com