Electronic Components Datasheet Search
  English  ▼

X  

PI33XX Datasheet(PDF) 19 Page - Vicor Corporation

Part # PI33XX
Description  8V to 36Vin Cool-Power ZVS B uck Regulator Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI33XX Datasheet(HTML) 19 Page - Vicor Corporation

Back Button PI33XX Datasheet HTML 15Page - Vicor Corporation PI33XX Datasheet HTML 16Page - Vicor Corporation PI33XX Datasheet HTML 17Page - Vicor Corporation PI33XX Datasheet HTML 18Page - Vicor Corporation PI33XX Datasheet HTML 19Page - Vicor Corporation PI33XX Datasheet HTML 20Page - Vicor Corporation PI33XX Datasheet HTML 21Page - Vicor Corporation PI33XX Datasheet HTML 22Page - Vicor Corporation PI33XX Datasheet HTML 23Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
vicorpower.com
Rev 1.4
Cool-Power
®
800 735.6200
11/2012
Page 19 of 42
PI33XX-X0
PI3301-X0 (3.3 Vout) Electrical Characteristics
Load Current vs. Ambient Temperature, 0 LFM
Regulator and inductor performance
330107
Load Current vs. Ambient Temperature, 400 LFM
Regulator and inductor performance
330109
Load Current vs. Ambient Temperature, 200 LFM
Regulator and inductor performance
330108
0.0
2.0
4.0
6.0
8.0
10.0
12.0
50
75
100
125
Ambient Temperature (°C)
36Vin
24Vin
8Vin
0.0
2.0
4.0
6.0
8.0
10.0
12.0
50
75
100
125
Ambient Temperature (°C)
36Vin
24Vin
8Vin
0.0
2.0
4.0
6.0
8.0
10.0
12.0
50
75
100
125
Ambient Temperature (°C)
36Vin
24Vin
8Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com